CSTCV40M0X51Q-R0
AI

The **CSTCV40M0X51Q-R0** is a surface-mount ceramic resonator manufactured by **Murata Electronics**. It is part of the CERALOCK® line, which is widely used as a cost-effective alternative to quartz crystals for clock generation in microcontrollers and other digital circuits.
---
## 1. Technical Specifications
The following table summarizes the primary electrical and mechanical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Nominal Frequency** | 40.000 MHz |
| **Frequency Tolerance** | ±0.5% |
| **Frequency Stability** | ±0.3% |
| **Resonant Impedance** | 40 Ω (Max) |
| **Built-in Capacitance** | 5 pF (Internal Load Capacitors) |
| **Operating Temperature** | -40°C to +125°C |
| **Package Type** | SMD (Small Case Size 1206) |
| **Dimensions** | 3.2 x 1.3 mm |
---
## 2. Key Internal Features
### A. Integrated Load Capacitors
Unlike traditional crystals that require two external capacitors (C1 and C2) to form an oscillation circuit, the CSTCV series features **built-in load capacitors**.
* **Space Saving:** Reduces the component count on the PCB.
* **Reliability:** Eliminates manual matching of capacitors to the resonator.
### B. Piezoelectric Technology
It utilizes the mechanical resonance of piezoelectric ceramics. When an electrical signal is applied, the ceramic material vibrates at a specific frequency (40 MHz), providing a stable clock reference.
---
## 3. Circuit Application
In most microcontroller (MCU) applications, the resonator is connected to the `OSC_IN` and `OSC_OUT` pins. Because it has three terminals, the center pin is connected to Ground (GND).
```mermaid
graph LR
MCU_In[OSC_IN] --- Resonator_P1[Pin 1: Input]
GND[Ground] --- Resonator_P2[Pin 2: Center/GND]
MCU_Out[OSC_OUT] --- Resonator_P3[Pin 3: Output]
```
---
## 4. Comparison: Ceramic Resonator vs. Quartz Crystal
| Feature | Ceramic Resonator (CSTCV) | Quartz Crystal |
| :--- | :--- | :--- |
| **Cost** | Lower | Higher |
| **Accuracy** | Moderate (±0.5%) | High (ppm levels) |
| **Start-up Time** | Very Fast | Slower |
| **Size** | Smaller (Integrated Caps) | Larger (External Caps needed) |
**Conclusion:** Use this part if your application requires a compact, high-speed 40MHz clock where extreme precision (like high-speed USB or Ethernet timing) is not as critical as cost and space.
- ⤷What is the difference between frequency tolerance and frequency stability for this part?
- ⤷ How does the built-in capacitance of 5 pF affect the MCU oscillator circuit?
- ⤷ Can this resonator be used for high-speed communication protocols like USB 2.0?