CSTCG33M8V53-R0
AI

The **CSTCG33M8V53-R0** is a specific surface-mount ceramic resonator produced by **Murata Electronics**. It belongs to the CERALOCK® family, which is widely used as a cost-effective alternative to quartz crystals for providing a clock signal to microprocessors.
---
## 1. Technical Specifications
The following table summarizes the key electrical and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Nominal Frequency** | 33.80 MHz |
| **Frequency Tolerance** | ±0.5% |
| **Frequency Stability** | ±0.3% |
| **Operating Temperature** | -20°C to +80°C |
| **Load Capacitance** | 15 pF (Built-in) |
| **Package Size** | 1.3mm x 1.1mm (SMD) |
| **Mounting Type** | Surface Mount |
---
## 2. Key Internal Components
The CSTCG33M8V53-R0 is not just a raw vibrating element; it is a composite component:
1. **Ceramic Substrate:** Uses piezoelectric ceramics that vibrate at a specific frequency when an electrical voltage is applied.
2. **Built-in Load Capacitors:** This part features "built-in capacitance." In a standard oscillation circuit, you usually need two external capacitors. This part integrates them, saving PCB space and reducing component count.
3. **Electrodes:** Silver or copper-based pads for surface mounting.
---
## 3. Applications and Usage
This part is typically used in high-speed digital circuits where a stable frequency is required, but the extreme precision of a quartz crystal is not necessary.
### Typical Use Cases:
* **Microcontrollers (MCUs):** Providing the main system clock.
* **USB Peripherals:** Generating the timing for data transfer.
* **Consumer Electronics:** Used in cameras, portable audio players, and small home appliances.
* **Communication Equipment:** Local oscillators in low-cost RF modules.
---
## 4. Comparison: Resonator vs. Crystal
| Feature | Ceramic Resonator (CSTCG) | Quartz Crystal |
| :--- | :--- | :--- |
| **Cost** | Low | High |
| **Precision** | Moderate (±0.5%) | High (±0.001%) |
| **Start-up Time** | Very Fast | Slower |
| **Size** | Very Small (integrated caps) | Larger (requires external caps) |
---
- ⤷
What is the recommended oscillation circuit diagram for this part?
- ⤷ How does the 'V' in the part number affect the temperature range?
- ⤷ Can this resonator be used for high-precision timing applications like RTCs?