CSTCG22M0V53-R0
AI

## Technical Overview of CSTCG22M0V53-R0
The **CSTCG22M0V53-R0** is a high-frequency **Ceramic Resonator** manufactured by Murata Electronics. It belongs to the **CERALOCK®** family, which is widely used as a timing element in microcontrollers and digital circuits where extreme precision (like that of a quartz crystal) is not required, but cost and space are critical.
### 1. Key Specifications
| Parameter | Specification |
| :--- | :--- |
| **Nominal Frequency** | 22.000 MHz |
| **Frequency Tolerance** | ±0.5% |
| **Operating Temperature** | -20°C to +80°C |
| **Loading Capacitance** | 15 pF (Built-in) |
| **Mounting Type** | Surface Mount (SMD) |
| **Package Size** | 2.5mm x 2.0mm (0.8mm height) |
| **Frequency Aging** | ±0.3% (over 10 years) |
---
### 2. Functional Characteristics
#### A. Built-in Load Capacitors
Unlike traditional crystals that require two external capacitors to stabilize the oscillation loop, the **CSTCG** series features **built-in load capacitors**.
* **Benefit:** Saves PCB real estate and reduces the Bill of Materials (BOM) count.
* **Terminal Count:** It typically has 3 terminals (Input, Ground, Output), where the center pin is connected to the circuit ground.
#### B. Frequency Stability
While quartz crystals offer stability in the range of ±10 to ±50 ppm, ceramic resonators like this one have a tolerance of **±0.5% (5000 ppm)**.
* **Use Case:** Ideal for USB (Low Speed), microcontrollers (MCU) clocks, and general-purpose logic.
* **Constraint:** Not recommended for high-speed Ethernet or high-precision wireless RF timing.
---
### 3. Physical Construction & Footprint
The "CG" designation refers to the small-form-factor package.
```markdown
Top View Layout (Simplified)
___________________
| |
| [ 22.0 ] (Marking)
|_________________|
(1) (2) (3)
In GND Out
```
---
### 4. Circuit Implementation
To use this part, you connect it to the `OSC_IN` and `OSC_OUT` pins of a Microcontroller. No external capacitors are needed because they are integrated into the ceramic structure.
```c
// Typical Connection Diagram
// MCU Pin OSC1 <-----> Pin 1 (CSTCG)
// MCU Pin OSC2 <-----> Pin 3 (CSTCG)
// Circuit GND <-----> Pin 2 (CSTCG)
```
### 5. Part Number Breakdown
* **CST**: Ceramic Resonator with Built-in Capacitance.
* **CG**: Small SMD Package (2.5 x 2.0 mm).
* **22M0**: 22.000 MHz.
* **V**: Frequency Tolerance/Stability code.
* **53**: Specific internal design/Loading cap code.
* **-R0**: Tape and Reel packaging.
---
- ⤷What are the advantages of using a ceramic resonator over a quartz crystal?
- ⤷ How does the 'built-in capacitance' affect the PCB layout?
- ⤷ Can this resonator be used for high-speed USB 2.0 applications?