CSTCE9M00G55Z-R0
AI

The **CSTCE9M00G55Z-R0** is a ceramic resonator manufactured by Murata Electronics. It belongs to the **CERALOCK®** product line and is commonly used as a frequency control component in microcontrollers and timing circuits.
---
### 1. Key Technical Specifications
| Parameter | Specification |
|:---|:---|
| **Nominal Frequency** | 9.000 MHz |
| **Frequency Tolerance** | ±0.5% |
| **Frequency Stability** | ±0.3% |
| **Operating Temperature** | -20°C to +80°C |
| **Built-in Capacitance** | 33 pF (Integrated load capacitors) |
| **Package Size** | 3.2 x 1.3 mm (SMD Type) |
| **Mounting Type** | Surface Mount |
---
### 2. Functional Description
Unlike standard crystals, this ceramic resonator includes **built-in load capacitors**. This simplifies the circuit design by removing the need for external capacitors, which saves board space and reduces the Bill of Materials (BOM) cost.
#### Internal Components:
* **Piezoelectric Element:** Vibrates at a specific frequency (9MHz) when an electric field is applied.
* **Internal Capacitors:** Two capacitors connected from the input/output pins to the ground pin.
---
### 3. Part Number Breakdown
The part number follows Murata's specific nomenclature:
* **CSTCE**: Series code for SMD type ceramic resonators (Small size).
* **9M00**: Frequency (9.00 MHz).
* **G**: Frequency tolerance (±0.5%).
* **55**: Specific design/tuning code (includes load capacitance specifications).
* **Z**: Packaging variation.
* **-R0**: Taping and Reel packaging (Plastic tape).
---
### 4. Common Applications
* **Microcontrollers (MCUs):** Providing the clock source for 8-bit or 16-bit MCUs.
* **Consumer Electronics:** Remote controls, toys, and small home appliances.
* **Peripherals:** USB controllers and communication interfaces where ultra-high precision (like that of a quartz crystal) is not strictly required.
---
### 5. Pros and Cons vs. Quartz Crystals
| Feature | Ceramic Resonator (CSTCE) | Quartz Crystal |
|:---|:---|:---|
| **Cost** | Lower | Higher |
| **Size** | Very Small (Built-in Caps) | Larger (Requires external caps) |
| **Start-up Time** | Very Fast | Slower |
| **Precision** | Moderate (±0.5%) | High (±0.001%) |
- ⤷
What is the difference between frequency tolerance and frequency stability in this part?
- ⤷ Can this resonator be used in automotive applications?
- ⤷ How do I connect the pins of a 3-pin ceramic resonator to a microcontroller?