CSTCE9M00G55-R0
AI

The **CSTCE9M00G55-R0** is a specific model of a **Ceramic Resonator** manufactured by Murata Manufacturing. It belongs to the CERALOCK® family and is designed to provide a stable clock signal for microcontrollers and other digital circuits.
---
### 1. Technical Specifications
The part number encodes specific data regarding its performance and physical characteristics.
| Feature | Specification |
| :--- | :--- |
| **Oscillation Frequency** | 9.000 MHz |
| **Frequency Tolerance** | ±0.5% |
| **Temperature Stability** | ±0.3% (within operating range) |
| **Built-in Load Capacitance** | 33 pF |
| **Operating Temperature** | -20°C to +80°C |
| **Package Type** | SMD (Surface Mount Device) |
| **Size/Dimensions** | 3.2 x 1.3 mm |
---
### 2. Key Components and Design
The "CSTCE" series is characterized by its integration and small footprint.
* **Piezoelectric Element:** The core is a ceramic material that oscillates at a fixed frequency when an electric field is applied.
* **Built-in Capacitors:** Unlike standard crystals that require external load capacitors, this part has them built-in. This reduces the Component Count on the PCB and saves space.
* **Three-terminal Design:**
1. **Input:** Connected to the microcontroller's XTAL_IN.
2. **Ground:** Connected to the circuit ground.
3. **Output:** Connected to the microcontroller's XTAL_OUT.
---
### 3. Comparison: Ceramic Resonator vs. Quartz Crystal
While both provide timing, they differ in precision and cost.
| Feature | Ceramic Resonator (CSTCE) | Quartz Crystal |
| :--- | :--- | :--- |
| **Accuracy** | Moderate (±0.5%) | High (ppm level) |
| **Start-up Time** | Very Fast | Slower |
| **Cost** | Low | Higher |
| **Size** | Small (Integrated Caps) | Larger (Requires external Caps) |
| **Typical Use** | General Microcontrollers | High-speed Communication (USB/Ethernet) |
---
### 4. Application Circuit Example
In a typical application, the resonator is connected directly to the OSC pins of an MCU. Because the capacitors are internal, no external passives are required for the oscillator loop.
```c
// Example representation of MCU connection
[MCU_XTAL1] <----[Terminal 1: Input]
[GND] <----[Terminal 2: Ground]
[MCU_XTAL2] <----[Terminal 3: Output]
```
---
- ⤷
What are the advantages of built-in load capacitors in the CSTCE series?
- ⤷ Can this resonator be used for high-speed USB applications?
- ⤷ How does the frequency tolerance change over the operating temperature range?