CSTCE8M38G55-R0
AI

The **CSTCE8M38G55-R0** is a ceramic resonator manufactured by **Murata Electronics**. It belongs to the CERALOCK® family and is widely used for clock generation in microcontrollers and other digital circuits due to its small size and built-in load capacitance.
---
### 1. Technical Specifications
The following table highlights the primary electrical and physical characteristics of this component:
| Parameter | Specification |
| :--- | :--- |
| **Nominal Frequency** | 8.388 MHz |
| **Frequency Tolerance** | ±0.5% |
| **Frequency Stability** | ±0.3% |
| **Built-in Load Capacitance** | 33 pF |
| **Resonant Impedance** | 40 Ω (max) |
| **Operating Temperature** | -20°C to +80°C |
| **Package / Case** | SMD (1206 size equivalent / 3.2 x 1.3 mm) |
| **Mounting Type** | Surface Mount |
---
### 2. Key Features
* **Built-in Capacitors:** Unlike traditional quartz crystals that require external load capacitors, this part includes internal capacitors. This reduces the component count on the PCB and saves space.
* **High Stability:** It offers better stability than a standard RC oscillation circuit, making it suitable for timing-critical applications.
* **Small Footprint:** Its miniature size allows for high-density mounting in compact consumer electronics.
* **Cost-Effective:** Ceramic resonators are generally less expensive than quartz crystals.
---
### 3. Pin Configuration and Circuitry
The CSTCE series typically features a **3-terminal** layout:
1. **Input (Oscillator 1):** Connected to the MCU's XTAL input.
2. **Ground:** The center pin is connected to the system ground (GND) for the built-in capacitors.
3. **Output (Oscillator 2):** Connected to the MCU's XTAL output.
#### Typical Application Schematic
```text
MCU / IC
+-----------+
| |
| OSC_IN |----[ Pin 1: Input ]
| | |
| GND |----[ Pin 2: Ground ] <-- Resonator
| | |
| OSC_OUT |----[ Pin 3: Output ]
| |
+-----------+
```
---
### 4. Common Applications
* **Microcontrollers:** Serving as the main clock source for 8-bit or 16-bit MCUs.
* **Consumer Electronics:** Used in remote controls, home appliances, and toys.
* **Peripherals:** PC peripherals, keyboards, and simple USB devices.
- ⤷
What is the difference between this ceramic resonator and a standard quartz crystal?
- ⤷ Does the CSTCE8M38G55-R0 require external resistors for startup?
- ⤷ What is the meaning of the 'G55' suffix in the part number?