CSTCE8M19G55-R0
AI

## Technical Overview: CSTCE8M19G55-R0
The **CSTCE8M19G55-R0** is a specific model of a **Ceramic Resonator** manufactured by **Murata Manufacturing Co., Ltd.** It belongs to the CERALOCK® family, which are components used to generate stable oscillations for clock signals in microprocessors and other digital circuits.
---
### 1. Key Specifications
This component is characterized by its small surface-mount design and built-in load capacitors.
| Parameter | Specification |
| :--- | :--- |
| **Nominal Frequency** | 8.192 MHz |
| **Frequency Tolerance** | ±0.5% |
| **Resonance Resistance** | 40 Ω (max) |
| **Built-in Capacitance** | 33 pF (Typical) |
| **Temperature Range** | -20°C to +80°C |
| **Mounting Type** | Surface Mount (SMD) |
| **Package Size** | 3.2 x 1.3 mm (CSTCE Series) |
---
### 2. Functional Components
The "Electronic Parts" within this single package consist of three primary elements:
1. **Piezoelectric Ceramic Element:** The core of the device. It utilizes the mechanical vibration of a ceramic material (Lead Zirconate Titanate) to produce a precise electrical frequency.
2. **Built-in Load Capacitors:** Unlike standard crystals that require external capacitors ($C_1$ and $C_2$) to complete the oscillation circuit, this part has them integrated inside. This saves PCB space and reduces component count.
3. **Electrodes and Substrate:** Conductive layers that connect the ceramic element to the three external terminals (Input, Ground, Output).
---
### 3. Pin Configuration
The device features a 3-terminal layout, which is standard for resonators with built-in capacitors.
* **Terminal 1:** Input (Connected to the XTAL in of the MCU)
* **Terminal 2:** Ground (Must be connected to the system GND)
* **Terminal 3:** Output (Connected to the XTAL out of the MCU)
---
### 4. Comparison: Resonator vs. Quartz Crystal
While both provide clock signals, the CSTCE8M19G55-R0 has distinct advantages and trade-offs:
* **Pros:**
* **Cost:** Significantly cheaper than quartz crystals.
* **Size:** Smaller footprint due to integrated capacitors.
* **Start-up Time:** Faster start-up than crystals.
* **Cons:**
* **Precision:** Lower frequency stability (±0.5%) compared to quartz (often ±0.001%). It is not suitable for high-precision timing like RTCs (Real-Time Clocks) or USB communication.
---
### 5. Common Applications
* Microprocessor clock for household appliances (Washing machines, Microwaves).
* Remote control units.
* Automotive electronics (Non-safety critical systems like infotainment).
* Toys and low-speed consumer electronics.
- ⤷
How does the built-in capacitor value affect the selection of a microcontroller?
- ⤷ What is the difference between the CSTCE and CSTCR series from Murata?
- ⤷ Can this resonator be used for high-speed USB 2.0 applications?