CSTCE15M0V53-R0_V01
AI

The **CSTCE15M0V53-R0** is a specific model of a **Ceramic Resonator** manufactured by Murata Electronics. It belongs to the CERALOCK® family, which are high-reliability components used to provide a clock signal or frequency reference for microcontrollers and other digital ICs.
### 1. Key Technical Specifications
The following table outlines the primary electrical and physical characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Oscillation Frequency** | 15.000 MHz |
| **Frequency Tolerance** | ±0.5% |
| **Frequency Stability** | ±0.3% (over temperature range) |
| **Built-in Capacitance** | 15 pF (Internal Load Capacitors) |
| **Operating Temperature** | -20°C to +80°C |
| **Package Type** | SMD (Surface Mount Device) |
| **Dimensions** | 3.2 x 1.3 mm |
| **Series** | CSTCE (Small-cap chip type) |
---
### 2. Functional Description
#### Internal Construction
Unlike basic crystals that require external load capacitors, the "CSTCE" series features **built-in load capacitors**. This is represented by the 3-terminal design:
* **Terminals 1 & 3:** Input/Output (connected to the IC's OSC_IN/OSC_OUT).
* **Terminal 2:** Ground (center pin).
#### Ceramic vs. Quartz
* **Cost:** Ceramic resonators are generally cheaper than quartz crystals.
* **Size:** They offer a much smaller footprint by integrating the capacitors.
* **Accuracy:** They are less precise than quartz (±0.5% vs ±0.005%), but more than sufficient for general-purpose microcontrollers, USB interfaces (in some cases), and consumer electronics.
---
### 3. Circuit Application
In a typical circuit design, the resonator is placed directly across the oscillator pins of a microcontroller. Because the capacitors are internal, the layout is extremely simple.
```mermaid
graph LR
MCU_Pin1[OSC_IN] --- Resonator_Pin1
MCU_Pin2[OSC_OUT] --- Resonator_Pin3
GND --- Resonator_Pin2[GND Center]
```
### 4. Part Number Breakdown (CSTCE15M0V53-R0)
* **CSTCE:** Product series (Chip type, 3.2x1.3mm).
* **15M0:** Nominal frequency (15.000 Megahertz).
* **V:** Frequency tolerance code (±0.5%).
* **53:** Individual specification code (Designates internal capacitance and specific internal tweaks).
* **R0:** Packaging (Plastic tape reel, typically 3000pcs/reel).
---
- ⤷
How does the frequency stability of a ceramic resonator compare to a quartz crystal in high-heat environments?
- ⤷ Can the CSTCE15M0V53-R0 be used for high-speed CAN bus communication?
- ⤷ What are the layout best practices to reduce EMI when using this resonator?