CSTCE13M5V53-R0
AI

## Technical Overview: CSTCE13M5V53-R0
The **CSTCE13M5V53-R0** is a specific model of a **Ceramic Resonator** manufactured by Murata Electronics. It belongs to the CERALOCK® family, which are high-reliability timing devices used as an alternative to quartz crystals in microcomputer peripheral circuits.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Nominal Frequency** | 13.56 MHz |
| **Frequency Tolerance** | ±0.5% |
| **Resonant Impedance** | 30 $\Omega$ (Max) |
| **Built-in Load Capacitance** | 15 pF |
| **Temperature Range** | -20°C to +80°C |
| **Mounting Type** | Surface Mount (SMD) |
| **Package Size** | 3.2 x 1.3 mm (1205 size) |
---
### 2. Functional Characteristics
#### Built-in Capacitance
Unlike traditional quartz crystals that require external load capacitors to start and maintain oscillation, the **CSTCE** series features built-in load capacitors. This provides several advantages:
* **Space Saving:** Reduces the number of external components on the PCB.
* **Cost Reduction:** Lowers BOM (Bill of Materials) costs.
* **Stability:** Improves oscillation stability by minimizing stray capacitance.
#### Frequency vs. Stability
Ceramic resonators occupy a middle ground between RC (Resistor-Capacitor) oscillators and Quartz Crystals:
* **Higher Accuracy than RC:** They are far more stable and precise than simple RC circuits.
* **Lower Accuracy than Quartz:** They have wider tolerances (±0.5%) compared to quartz crystals (usually measured in PPM), making them unsuitable for high-precision timing (like Real-Time Clocks) but perfect for general microcontroller clocking.
---
### 3. Pin Configuration & Circuitry
The device is a **3-terminal** component.
| Pin Number | Function | Connection |
| :--- | :--- | :--- |
| **1** | Input | Connected to MCU Osc_In |
| **2** | Ground | Connected to System GND |
| **3** | Output | Connected to MCU Osc_Out |
#### Typical Application Circuit
```text
[ Microcontroller ]
/ \
[Osc_In] [Osc_Out]
| |
| [CSTCE] |
+----[ 1 ] [ 3 ]----+
[ 2 ]
|
[GND]
```
---
### 4. Common Applications
* **NFC/RFID Readers:** 13.56 MHz is the standard frequency for Near Field Communication (NFC).
* **Microcontrollers (MCUs):** Serving as the main system clock for 8-bit or 16-bit processors.
* **Consumer Electronics:** Remote controls, toys, and small home appliances.
* **Automotive:** Non-safety critical systems like infotainment or body control modules.
- ⤷
How does the frequency stability of a ceramic resonator compare to a quartz crystal?
- ⤷ Can this specific resonator be used for high-speed USB communication?
- ⤷ What are the soldering precautions for the 3.2 x 1.3 mm SMD package?