CSTCE13M0G55A-R0
AI

## Technical Overview: CSTCE13M0G55A-R0
The **CSTCE13M0G55A-R0** is a surface-mount (SMD) ceramic resonator produced by **Murata Electronics**. It belongs to the **CERALOCK®** family, which is widely used as a cost-effective alternative to quartz crystals for clock generation in microcontrollers and timing circuits.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Frequency** | 13.000 MHz |
| **Frequency Tolerance** | ±0.5% |
| **Built-in Load Capacitance** | 33 pF |
| **Operating Temperature** | -20°C to +80°C |
| **Mounting Type** | Surface Mount (SMD) |
| **Package Size** | 3.2 x 1.3 mm (1206 Case) |
| **Frequency Stability** | ±0.3% over temperature |
---
### 2. Physical Structure and Pins
This specific part is a **3-terminal device**. Unlike traditional crystals that require external capacitors, the CSTCE series integrates the load capacitors inside the package.
* **Pin 1:** Input
* **Pin 2:** Ground (GND)
* **Pin 3:** Output
---
### 3. Core Advantages
* **Space Saving:** Because it has built-in load capacitors, you do not need to place two external SMD capacitors on your PCB, saving roughly 50% of the circuit area.
* **Cost-Effective:** Ceramic resonators are generally cheaper than quartz crystals.
* **Stability:** While less precise than quartz (±0.5% vs. ±0.005%), it is more than sufficient for most microcontrollers (MCU) and USB (low speed) applications.
* **Durability:** High resistance to mechanical vibration and shock.
---
### 4. Typical Application Circuit
When connecting this part to a Microcontroller, the wiring is simplified:
```text
Microcontroller
+----------------+
| |
| OSC_IN ---|---[Pin 1: CSTCE]
| | |
| OSC_OUT---|---[Pin 3: CSTCE]
| | |
+----------------+ [Pin 2: GND]
```
---
### 5. Identification Code Breakdown
* **CSTCE**: Product Series (Chip Type, Small Size).
* **13M0**: Frequency (13.0 Megahertz).
* **G**: Frequency Accuracy (G = ±0.5%).
* **55**: Load Capacitance/Special Specs (55 = 33pF).
* **A**: Individual Specification.
* **-R0**: Packaging (Plastic Taping 3000pcs/reel).
- ⤷What are the main differences between a ceramic resonator and a quartz crystal?
- ⤷ In what scenarios would 13MHz be a preferred frequency?
- ⤷ Can I use this resonator for high-speed USB communication?