CSTCE12M5G55-R0
AI

## Overview of CSTCE12M5G55-R0
The **CSTCE12M5G55-R0** is a specific model of a **Ceramic Resonator** manufactured by Murata Manufacturing. It belongs to the CERALOCK® family, which are high-quality piezoelectric components used as timing devices (clocks) in various electronic circuits.
---
### Key Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Nominal Frequency** | 12.500 MHz |
| **Frequency Tolerance** | ±0.5% |
| **Operating Temperature** | -20°C to +80°C |
| **Built-in Load Capacitance** | 33 pF (Internal) |
| **Mounting Type** | Surface Mount (SMD) |
| **Package Size** | 3.2 x 1.3 mm (CSTCE Case) |
| **Application** | Low-cost timing for MCUs |
---
### Internal Structure and Features
1. **CERALOCK® Technology**: Unlike quartz crystals that use a piece of quartz, these use high-stability piezoelectric ceramics. This makes them more mechanically robust and cheaper to produce.
2. **Built-in Capacitors**: This specific part number includes internal load capacitors. In a standard Pierce oscillator circuit, you would usually need two external capacitors ($C_1$ and $C_2$). This part eliminates the need for them, saving PCB space and reducing the Bill of Materials (BOM) cost.
3. **Small Form Factor**: The "CSTCE" prefix indicates a small SMD package, suitable for high-density layouts in modern consumer electronics.
---
### Comparison: Ceramic Resonator vs. Quartz Crystal
| Feature | Ceramic Resonator | Quartz Crystal |
| :--- | :--- | :--- |
| **Accuracy** | Moderate (±0.5%) | High (±0.001%) |
| **Start-up Time** | Very Fast | Slow |
| **Cost** | Low | Higher |
| **Durability** | High (Vibration resistant) | Fragile |
---
### Typical Application Circuit
When connecting this part to a Microcontroller (MCU), the internal capacitors are already grounded, meaning you only need to connect the input and output pins to the `XTAL1` and `XTAL2` pins of the chip.
```text
[MCU]
/ \
XTAL1 XTAL2
| |
[ 1 ]----[ 3 ] <-- CSTCE12M5G55-R0
| 2 |
|
[GND]
```
*(Pin 1: Input, Pin 2: Ground, Pin 3: Output)*
---
- ⤷
What are the advantages of built-in capacitors in ceramic resonators?
- ⤷ Can this resonator be used for high-speed USB communication?
- ⤷ What are the common failure modes of ceramic resonators?