CSTCE12M5G52-R0
AI

## Technical Analysis of CSTCE12M5G52-R0
The **CSTCE12M5G52-R0** is a high-precision ceramic resonator manufactured by **Murata Manufacturing Co., Ltd.** It belongs to the CERALOCK® product line and is commonly used as a frequency control component in microcontrollers and digital circuits.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Frequency** | 12.5 MHz |
| **Frequency Tolerance** | ±0.5% |
| **Frequency Stability** | ±0.2% |
| **Load Capacitance** | 10 pF (Built-in) |
| **Operating Temperature** | -20°C to +80°C |
| **Mounting Type** | Surface Mount (SMD) |
| **Package Size** | 3.2 x 1.3 mm (EIA 1205) |
---
### 2. Physical and Structural Design
This component is part of the **CSTCE** series, which features integrated load capacitors. This design provides several advantages for electronic assembly:
* **Integrated Capacitors:** It eliminates the need for two external load capacitors, saving PCB space and reducing the Bill of Materials (BOM) cost.
* **Three-Terminal Structure:**
1. **Input:** Connected to the MCU clock input.
2. **Ground:** The center pin connects to the system ground.
3. **Output:** Connected to the MCU clock output.
* **Small Footprint:** Its miniature size (3.2mm x 1.3mm) makes it ideal for high-density consumer electronics.
---
### 3. Functional Applications
The 12.5 MHz frequency is typically utilized in the following scenarios:
* **Microcontrollers (MCUs):** Acts as the primary clock source for 8-bit or 32-bit MCUs.
* **USB Peripherals:** Often used in devices requiring stable timing for data transmission.
* **Automotive Electronics:** Used in non-safety critical systems like infotainment or body control modules.
* **Consumer Goods:** Found in remote controls, home appliances, and toys where the extreme precision of a quartz crystal is not required.
---
### 4. Comparison: Ceramic Resonator vs. Quartz Crystal
| Feature | Ceramic Resonator (CSTCE) | Quartz Crystal |
| :--- | :--- | :--- |
| **Cost** | Lower | Higher |
| **Start-up Time** | Very Fast | Slower |
| **Accuracy** | Moderate (±0.5%) | High (±0.001%) |
| **Size** | Smaller (Integrated Caps) | Larger (External Caps needed) |
---
### 5. Part Number Breakdown
```text
CSTCE 12M5 G 5 2 -R0
| | | | | |
| | | | | └─ Packaging (Plastic Tape)
| | | | └──── Load Capacitance (2 = 10pF)
| | | └────── Frequency Tolerance (5 = ±0.5%)
| | └──────── Frequency Stability (G = ±0.2%)
| └──────────── Nominal Frequency (12M5 = 12.5MHz)
└────────────────── Series Identifier (SMD with Built-in Cap)
```
- ⤷
What is the difference between the CSTCE and CSTCR series?
- ⤷ How do I calculate the PCB land pattern for this SMD component?
- ⤷ Can this resonator be used in high-temperature automotive applications?