công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CSTCE12M0G55Z-R0

  • AI
    The **CSTCE12M0G55Z-R0** is a surface-mount ceramic resonator developed by **Murata Electronics**. It belongs to the CERALOCK® family, which uses the mechanical resonance of piezoelectric ceramics to provide a stable clock frequency for microcontrollers and other digital circuits. --- ## 1. Technical Specifications The following table highlights the primary electrical and physical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Frequency** | 12.000 MHz | | **Frequency Tolerance** | ±0.5% | | **Operating Temperature** | -40°C to +125°C | | **Load Capacitance** | 33 pF (Internal) | | **Resonant Impedance** | 30 $\Omega$ (Max) | | **Frequency Stability** | ±0.3% over temperature | | **Package Type** | SMD (3.2 x 1.3 mm) | | **Mounting Type** | Surface Mount | --- ## 2. Key Features and Internal Structure ### A. Built-in Load Capacitors Unlike traditional quartz crystals that require two external ceramic capacitors to form an oscillation circuit, the CSTCE series features **integrated load capacitors**. * **Benefit:** Reduces the overall component count on the PCB. * **Space Saving:** Results in a smaller footprint and simplified circuit design. ### B. Ceramic Technology This part utilizes the piezoelectric effect of ceramics. While it is generally less precise than a quartz crystal, it offers: * **Faster Start-up:** Reaches stable oscillation faster than quartz. * **Mechanical Robustness:** Highly resistant to vibration and shock. * **Cost-Efficiency:** Generally cheaper than high-precision crystals. --- ## 3. Pin Configuration The device has a 3-terminal structure. In a typical application, the connections are as follows: 1. **Input (Osc1):** Connected to the MCU's XTAL input. 2. **GND:** Connected to the system ground (common for internal capacitors). 3. **Output (Osc2):** Connected to the MCU's XTAL output. --- ## 4. Typical Applications The CSTCE12M0G55Z-R0 is commonly used in high-volume electronics where a 12MHz clock is required but extreme precision (like that needed for RF timing) is not critical: * **Automotive Electronics:** Cluster panels, body control modules (BCM). * **Consumer Electronics:** USB peripherals, home appliances. * **Microcontrollers:** Serving as the primary clock source for 8-bit or 16-bit MCUs. ---
    ✨ Follow-up Questions
    • ⤷ How does the frequency stability of this ceramic resonator compare to a quartz crystal?
    • ⤷ What are the advantages of having integrated load capacitors in a 3-pin design?
    • ⤷ Can this specific part be used in high-vibration automotive environments?