CSTCE12M0G52Z-R0
AI

## CSTCE12M0G52Z-R0: Technical Overview
The **CSTCE12M0G52Z-R0** is a specific model of a **Ceramic Resonator** manufactured by Murata Manufacturing. It belongs to the CERALOCK® family, which are high-precision electronic components used to provide stable clock signals for microprocessors and microcontrollers.
---
### 1. Key Technical Specifications
The following table outlines the critical electrical and mechanical parameters of this part:
| Parameter | Specification |
| :--- | :--- |
| **Oscillation Frequency** | 12.000 MHz |
| **Frequency Tolerance** | ±0.5% |
| **Frequency Stability** | ±0.2% |
| **Operating Temperature** | -40°C to +125°C |
| **Built-in Capacitance** | 10 pF |
| **Mounting Type** | Surface Mount (SMD) |
| **Package Size** | 3.2 x 1.3 mm |
| **Resonance Impedance** | 40 Ω (Maximum) |
---
### 2. Functional Description
Ceramic resonators like the CSTCE12M0G52Z-R0 serve a similar purpose to quartz crystals but offer different trade-offs in design.
#### Internal Load Capacitors
The "G" in the part number indicates that this unit includes **built-in load capacitors**. This is a significant advantage for PCB designers because:
* It reduces the overall component count.
* It saves board space.
* It simplifies the oscillation circuit design, as no external capacitors are required to stabilize the frequency.
#### Durability and Reliability
Because this part is rated for temperatures up to **125°C**, it is suitable for demanding environments, including industrial applications and automotive cabin electronics.
---
### 3. Comparison: Ceramic Resonator vs. Quartz Crystal
| Feature | Ceramic Resonator (CSTCE) | Quartz Crystal (XTAL) |
| :--- | :--- | :--- |
| **Cost** | Generally lower | Higher |
| **Accuracy** | Moderate (±0.5%) | High (±0.001%) |
| **Start-up Time** | Faster | Slower |
| **Size** | Small (with built-in caps) | Varies (often requires external caps) |
---
### 4. Application Circuit
In a typical microcontroller setup, the resonator is connected to the `OSC_IN` and `OSC_OUT` pins. Since this model has three terminals, the center pin is connected to **Ground (GND)**.
```text
[MCU]
| PIN 1 (OSC_IN) <------> Resonator Terminal 1
| PIN 2 (OSC_OUT) <------> Resonator Terminal 3
| GND <------> Resonator Terminal 2 (Center)
```
- ⤷
What are the specific advantages of using a ceramic resonator over a quartz crystal in high-vibration environments?
- ⤷ How does the built-in capacitance of 10pF affect the choice of microcontroller?
- ⤷ What is the meaning of the '-R0' suffix in the Murata part numbering system?