CSTCE12M0G52-R0
AI

The **CSTCE12M0G52-R0** is a ceramic resonator manufactured by **Murata Electronics**. It belongs to the CERALOCK® family and is widely used for providing stable clock signals to microcontrollers and other digital circuits.
---
## 1. Technical Specifications
The following table outlines the core technical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Nominal Frequency** | 12.000 MHz |
| **Frequency Tolerance** | ±0.5% |
| **Frequency Stability** | ±0.3% (over temp range) |
| **Operating Temperature** | -20°C to +80°C |
| **Internal Capacitance** | 10 pF (Built-in) |
| **Package Type** | SMD (Surface Mount Device) |
| **Dimensions** | 3.2 x 1.3 mm |
---
## 2. Key Features and Functions
### Built-in Load Capacitors
The most significant feature of the `CSTCE` series is that it includes **built-in load capacitors**. In a standard crystal oscillator circuit, you would typically need two external capacitors to ground. This part eliminates that need, which:
* Reduces PCB space.
* Lowers the total Bill of Materials (BOM) cost.
* Simplifies circuit design.
### Ceramic vs. Quartz
As a ceramic resonator, this part sits in the middle ground between a simple RC (Resistor-Capacitor) oscillator and a Quartz Crystal:
* **Accuracy:** More accurate than RC oscillators but less precise than Quartz Crystals.
* **Start-up Time:** Ceramic resonators start up significantly faster than Quartz crystals.
* **Durability:** They are generally more resistant to mechanical shock and vibration.
---
## 3. Pin Configuration and Circuitry
The device features 3 terminals in a small SMD footprint.
### Pinout Description
1. **Input (Osc1):** Connects to the XTAL input of the MCU.
2. **Ground (GND):** The center pin must be connected to the system ground.
3. **Output (Osc2):** Connects to the XTAL output of the MCU.
### Typical Implementation Code (Concept)
While this is a hardware component, setting it up in a microcontroller environment (like an AVR or STM32) usually requires configuring the "Low Speed External" or "High Speed External" clock registers to "Bypass" or "Resonator" mode.
```c
// Example: Pseudo-code for MCU Clock Initialization
void Clock_Config() {
// 1. Enable External Oscillator (HSE)
// 2. Set source to Ceramic Resonator (12MHz)
// 3. Configure PLL if higher system clock is needed
RCC->CR |= RCC_CR_HSEON;
while(!(RCC->CR & RCC_CR_HSERDY)); // Wait for stabilization
}
```
---
## 4. Common Applications
* **Microcontrollers:** Serving as the main clock for 8-bit or 32-bit MCUs.
* **Consumer Electronics:** Remote controls, toys, and small appliances.
* **USB Peripherals:** Devices where a moderate frequency tolerance is acceptable.
- ⤷
How does the frequency stability of this ceramic resonator compare to a standard quartz crystal?
- ⤷ Can I use this part in automotive applications with high temperature requirements?
- ⤷ What is the significance of the 'R0' suffix in the Murata part numbering system?