CSTCE11M0G52-R0
AI

### CSTCE11M0G52-R0: Technical Overview
The **CSTCE11M0G52-R0** is a specific model of a **Ceramic Resonator** manufactured by Murata Electronics. It belongs to the CERALOCK® family, which are miniature, surface-mount components used to provide a stable clock signal for microcontrollers and other digital circuits.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Oscillating Frequency** | 11.000 MHz |
| **Initial Frequency Tolerance** | ±0.5% |
| **Frequency Stability (Temp)** | ±0.2% |
| **Operating Temperature Range** | -20°C to +80°C |
| **Built-in Load Capacitance** | 10 pF |
| **Mounting Type** | SMD (Surface Mount Device) |
| **Package / Case** | 3.2mm x 1.3mm (Small Cap Type) |
| **Aging** | ±0.1% (over 10 years) |
---
### 2. Functional Description
This part functions as a frequency control device. It is often compared to a Quartz Crystal but offers different trade-offs:
* **Internal Capacitance:** This specific model features **built-in load capacitors**. This eliminates the need for two external capacitors on the PCB, saving space and reducing the Bill of Materials (BOM) cost.
* **Piezoelectric Effect:** It utilizes the mechanical resonance of piezoelectric ceramics to create a stable electrical oscillation.
* **Start-up Time:** Ceramic resonators typically have a faster start-up time compared to standard quartz crystals.
---
### 3. Pin Configuration & Circuit Integration
The device is a **3-terminal** component:
1. **Input:** Connected to the OSC_IN of the MCU.
2. **Ground:** The center pin is connected to the system ground (GND).
3. **Output:** Connected to the OSC_OUT of the MCU.
#### Typical Application Circuit
```text
MCU
___________
| |
| OSC_IN |----[ Pin 1 ]
| | |
| OSC_OUT |----[ Pin 3 ]
| | |
| GND |----[ Pin 2 ]
|___________| |
V
Ground
```
---
### 4. Comparison: Resonator vs. Crystal
| Feature | Ceramic Resonator (CSTCE) | Quartz Crystal |
| :--- | :--- | :--- |
| **Accuracy** | Moderate (±0.5%) | High (±0.001%) |
| **Cost** | Low | Higher |
| **Size** | Very Small (Built-in Caps) | Requires external caps |
| **Durability** | High vibration resistance | Sensitive to shock |
**Best Used For:** USB controllers, small appliances, automotive electronics (non-safety critical), and general-purpose microcontrollers where extreme precision (like a real-time clock) isn't required.
- ⤷
What are the advantages of built-in load capacitors in this specific model?
- ⤷ Can this resonator be used in high-precision timing applications like GPS?
- ⤷ What is the recommended soldering profile for the CSTCE series?