CSTCE10M0G55Z-R0
AI

The **CSTCE10M0G55Z-R0** is a specific surface-mount (SMD) ceramic resonator produced by **Murata Manufacturing Co., Ltd.** It belongs to the CERALOCK® family and is widely used for clock generation in microcontrollers.
### 1. Technical Specifications
The following table summarizes the primary electrical and physical characteristics of this component:
| Parameter | Specification |
| :--- | :--- |
| **Nominal Frequency** | 10.000 MHz |
| **Frequency Tolerance** | ±0.5% |
| **Operating Temperature** | -40°C to +125°C |
| **Load Capacitance** | 33 pF (Built-in) |
| **Package Type** | SMD (Small Cap Chip) |
| **Dimensions** | 3.2 x 1.3 mm |
| **Mounting Type** | Surface Mount |
---
### 2. Key Features and Construction
* **Built-in Capacitance:** Unlike quartz crystals that often require external capacitors to form an oscillation circuit, this resonator has internal 33 pF capacitors. This saves PCB space and simplifies the design.
* **Piezoelectric Material:** It utilizes the mechanical resonance of piezoelectric ceramics. While less precise than quartz, ceramic resonators are more robust and cost-effective.
* **High Reliability:** The "G" series is automotive-grade (AEC-Q200 compliant in many variations), meaning it can withstand high vibration and wide temperature fluctuations.
* **Standard Footprint:** It typically features a 3-terminal design:
1. **Input** (Oscillator In)
2. **Ground** (Common)
3. **Output** (Oscillator Out)
---
### 3. Comparison: Ceramic Resonator vs. Quartz Crystal
| Feature | Ceramic Resonator (CSTCE) | Quartz Crystal |
| :--- | :--- | :--- |
| **Precision** | Moderate (±0.5%) | High (±10ppm to ±50ppm) |
| **Cost** | Low | Higher |
| **Start-up Time** | Very Fast | Slower |
| **Integration** | Capacitors included | Requires external capacitors |
---
### 4. Common Applications
Due to its 10 MHz frequency and internal capacitors, this part is commonly found in:
* **Microcontroller Clocks:** Providing the heartbeat for 8-bit or 16-bit MCUs.
* **Automotive Electronics:** Engine control units (ECU), cluster displays, and sensor modules.
* **Industrial Equipment:** PLC controllers and measurement devices.
* **Consumer Electronics:** Remote controls and appliances where precise timing is needed but extreme quartz accuracy is not mandatory.
- ⤷What are the advantages of using a resonator with built-in capacitors compared to external ones?
- ⤷ Can this specific part be used in high-speed USB communication applications?
- ⤷ How do I calculate the frequency stability over its full temperature range?