CSTCE10M0G55-R0
AI

## Technical Overview of CSTCE10M0G55-R0
The **CSTCE10M0G55-R0** is a specific model of a **Ceramic Resonator** manufactured by Murata Electronics. It belongs to the CERALOCK® family, which are high-reliability timing components used in various electronic circuits.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Nominal Frequency** | 10.000 MHz |
| **Frequency Tolerance** | ±0.5% |
| **Load Capacitance** | 33 pF (Built-in) |
| **Operating Temperature** | -20°C to +80°C |
| **Package / Case** | 3.2 x 1.3 mm (SMD Type) |
| **Resonance Resistance** | 50 Ω (Maximum) |
| **Aging** | ±0.3% (over 10 years) |
---
### 2. Physical Structure and Features
* **Internal Capacitors:** This part is a "3-terminal" device. It includes internal load capacitors, which simplifies circuit design by eliminating the need for two external capacitors typically required by quartz crystals.
* **Surface Mount Device (SMD):** The small footprint (3213 metric) allows for high-density mounting on Printed Circuit Boards (PCBs).
* **Material:** It uses high-stability piezoelectric ceramics that convert electrical energy into mechanical vibration at a precise frequency.
---
### 3. Comparison: Ceramic Resonator vs. Quartz Crystal
While both serve as frequency sources, the CSTCE10M0G55-R0 has distinct differences compared to a standard 10MHz crystal:
| Feature | Ceramic Resonator (CSTCE) | Quartz Crystal |
| :--- | :--- | :--- |
| **Accuracy** | Moderate (±0.5%) | High (±0.001%) |
| **Start-up Time** | Very Fast | Slower |
| **Cost** | Generally lower | Higher |
| **Size** | Smaller (built-in caps) | Larger (needs external caps) |
---
### 4. Common Applications
* **Microcontrollers (MCUs):** Used as the primary clock source for 8-bit or 16-bit microcontrollers where extreme precision (like for RTC or high-speed RF) is not required.
* **Consumer Electronics:** Remote controls, toys, and small appliances.
* **Peripherals:** USB controllers and communication interfaces that can tolerate a ±0.5% frequency deviation.
---
### 5. Standard Circuit Diagram
In a typical oscillator circuit (Colpitts or Pierce), the resonator is connected as follows:
```text
MCU / IC
+-----------+
| |
| OSC_IN |----[ Pin 1: Input ]
| | |
| GND |----[ Pin 2: Ground ]
| | |
| OSC_OUT |----[ Pin 3: Output ]
| |
+-----------+
```
---
- ⤷What are the advantages of built-in capacitors in ceramic resonators?
- ⤷ Can this resonator be used for high-speed USB communication?
- ⤷ What is the soldering profile recommended for the CSTCE series?