CSTCE10M0G52A-R0
AI

The **CSTCE10M0G52A-R0** is a ceramic resonator from the CERALOCK® series manufactured by **Murata Electronics**. It is widely used as a cost-effective timing device for microcontrollers and other digital circuits.
---
## 1. Core Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Nominal Frequency** | 10.000 MHz |
| **Frequency Tolerance** | ±0.5% |
| **Frequency Stability** | ±0.2% |
| **Operating Temperature** | -20°C to +80°C |
| **Built-in Capacitance** | 10 pF (per side) |
| **Package / Case** | 1206 (3.2 x 1.3mm) SMD |
| **Mounting Type** | Surface Mount |
---
## 2. Key Electronic Features
### A. Integrated Load Capacitors
The "G" in the part number indicates that this resonator includes **built-in load capacitors**. This is a significant design advantage:
* **Reduced Component Count:** You do not need external 10pF capacitors.
* **Space Saving:** Ideal for high-density PCB layouts.
* **Ease of Tuning:** The internal capacitors are matched to the ceramic element for optimal oscillation.
### B. Ceramic vs. Quartz Crystal
While quartz crystals offer higher precision (ppm level), the **CSTCE10M0G52A-R0** ceramic resonator offers:
* **Faster Start-up Time:** Reaches stable oscillation much quicker than a crystal.
* **Smaller Size:** Generally more compact than standard crystal packages.
* **Lower Cost:** Significantly more economical for consumer electronics.
---
## 3. Pinout and Internal Diagram
The device has three terminals (SMD pads):
1. **Input (Pin 1):** Connected to the MCU's XTAL_IN.
2. **Ground (Pin 2 - Center):** Connected to the system ground.
3. **Output (Pin 3):** Connected to the MCU's XTAL_OUT.
---
## 4. Part Number Breakdown
Understanding the Murata nomenclature helps in identifying variants:
| Code | Meaning |
| :--- | :--- |
| **CSTCE** | Product Series (SMD Resonator with built-in caps) |
| **10M0** | Frequency (10.000 MHz) |
| **G** | Frequency Tolerance (G = ±0.5%) |
| **52** | Individual Specification (Internal code) |
| **A** | Packaging Type (A = Plastic Taping) |
| **-R0** | Packaging Quantity (R0 = 3000 pcs/reel) |
---
## 5. Typical Applications
* **Microcontrollers:** Providing the clock signal for 8-bit or 32-bit MCUs.
* **Peripherals:** USB controllers, optical mice, and keyboards.
* **Home Appliances:** Washing machines, microwave ovens, and small electronics where extreme precision (like a RTC) is not required.
- ⤷
What is the main difference between using a resonator like this versus a 10MHz quartz crystal?
- ⤷ Can I use this resonator with a 3.3V or 5V microcontroller?
- ⤷ What is the recommended PCB land pattern for the 1206 package size?