CSTCE10M0G52-R0
AI

The **CSTCE10M0G52-R0** is a specific ceramic resonator manufactured by **Murata Electronics**. It belongs to the CERALOCK® series and is widely used for providing a stable clock signal to microprocessors and other digital circuits.
---
## 1. Technical Specifications
The following table outlines the primary electrical and physical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Nominal Frequency** | 10.000 MHz |
| **Frequency Tolerance** | ±0.5% |
| **Frequency Stability** | ±0.3% |
| **Operating Temperature** | -20°C to +80°C |
| **Load Capacitance** | 10 pF (Built-in) |
| **Package Type** | SMD (Surface Mount Device) |
| **Dimensions** | 3.2mm x 1.3mm x 1.1mm |
| **Resonant Impedance** | 40 Ω (Maximum) |
---
## 2. Key Features
### Built-in Load Capacitors
One of the most significant features of this part is the **integration of load capacitors**. Traditional quartz crystals require two external capacitors to create an oscillation circuit. The CSTCE series includes these internally, which:
* Saves PCB (Printed Circuit Board) space.
* Reduces the Bill of Materials (BOM) cost.
* Simplifies the circuit design.
### Ceramic Technology
Unlike quartz crystals, ceramic resonators use the mechanical vibration of piezoelectric ceramics. While they are slightly less accurate than quartz (±0.5% vs. ±0.001%), they offer:
* **Faster startup times.**
* **Higher resistance to mechanical shock and vibration.**
* **Lower cost.**
---
## 3. Pin Configuration & Circuit
The device has 3 terminals:
1. **Input (Terminal 1):** Connected to the XTAL_IN of the MCU.
2. **Ground (Terminal 2):** Center pin, must be connected to the system ground.
3. **Output (Terminal 3):** Connected to the XTAL_OUT of the MCU.
---
## 4. Typical Applications
This component is ideal for cost-sensitive applications where extreme precision (like high-speed networking) is not required:
* **Microcontrollers:** Providing the clock for 8-bit or 16-bit MCUs.
* **Consumer Electronics:** TV remote controls, toys, and small appliances.
* **Automotive:** Body control modules (non-safety critical) and infotainment.
* **Peripherals:** Mouse, keyboard, and USB-to-serial converters.
- ⤷
What is the main difference between a ceramic resonator and a quartz crystal in terms of accuracy?
- ⤷ How does the built-in capacitance affect the PCB layout design?
- ⤷ Can this resonator be used in high-speed communication protocols like USB 3.0?