CSTCC3M84G56-R0
AI

The **CSTCC3M84G56-R0** is a specific model of a **Ceramic Resonator** manufactured by Murata Electronics. It belongs to the CERALOCK® family and is primarily used for clock generation in microprocessors and microcontrollers.
---
## 1. Technical Specifications
The following table summarizes the key electrical and physical parameters of this component:
| Parameter | Specification |
| :--- | :--- |
| **Nominal Frequency** | 3.84 MHz |
| **Frequency Tolerance** | ±0.5% |
| **Frequency Stability** | ±0.3% (Over temp range) |
| **Operating Temperature** | -20°C to +80°C |
| **Built-in Load Capacitance** | 47 pF (Internal) |
| **Mounting Type** | SMD (Surface Mount Device) |
| **Package Size** | 7.2 x 3.0 mm |
---
## 2. Key Features and Components
### A. Piezoelectric Ceramic Element
The core of the device is a piezoelectric ceramic. Unlike quartz crystals, which use silicon dioxide, these resonators use ceramic materials that vibrate at a specific frequency when an electric field is applied.
### B. Built-in Load Capacitors
The "CC" in the part number indicates that this is a **three-terminal device** with integrated loading capacitors.
* **Standard Crystals:** Require two external capacitors to ground to form an oscillation circuit.
* **CSTCC Series:** The capacitors are built into the package, saving PCB space and reducing the component count.
### C. Package Design
The "R0" suffix usually refers to the packaging style (Tape and Reel). The physical housing is designed to be wash-resistant and can withstand reflow soldering temperatures.
---
## 3. Circuit Application
In a typical microcontroller circuit, the resonator is connected to the `OSC_IN` and `OSC_OUT` pins. Because the capacitors are internal, the center pin is simply connected to Ground (GND).
```mermaid
graph LR
MCU_Pin1[OSC_IN] --- ResonatorPin1[Input]
MCU_Pin2[OSC_OUT] --- ResonatorPin3[Output]
GND[System Ground] --- ResonatorPin2[GND / Common]
```
---
## 4. Comparison: Ceramic Resonator vs. Quartz Crystal
| Feature | Ceramic Resonator (CSTCC) | Quartz Crystal |
| :--- | :--- | :--- |
| **Accuracy** | Moderate (±0.5%) | High (±0.001%) |
| **Start-up Time** | Very Fast | Slower |
| **Cost** | Low | High |
| **Size** | Small (Built-in Caps) | Larger (Requires external Caps) |
---
- ⤷
What are the advantages of built-in capacitors in ceramic resonators?
- ⤷ Can this resonator be used in high-precision timing applications like RTCs?
- ⤷ What is the meaning of the specific '3M84' coding in the part number?