CSTCC3M68G56-R0
AI

The **CSTCC3M68G56-R0** is a surface-mount (SMD) ceramic resonator manufactured by **Murata Electronics**. It is primarily used as a frequency-determining component in microcontrollers and timing circuits.
---
### 1. Key Technical Specifications
| Parameter | Specification |
|:---|:---|
| **Oscillation Frequency** | 3.68 MHz |
| **Frequency Tolerance** | ±0.5% |
| **Resonant Impedance** | 50 Ω (Max) |
| **Built-in Capacitance** | 47 pF |
| **Temperature Stability** | ±0.3% (-20°C to +80°C) |
| **Mounting Type** | Surface Mount (SMD) |
| **Package Size** | 7.2 x 3.0 mm (approx.) |
---
### 2. Functional Characteristics
#### A. CERALOCK® Technology
This part belongs to Murata's **CERALOCK®** line. Unlike traditional quartz crystals that require external load capacitors, this series features **built-in load capacitors**. This reduces the component count on the PCB and saves space.
#### B. Frequency and Precision
At **3.68 MHz**, this resonator is often used for:
* Standard clock generation for 8-bit or 16-bit microcontrollers.
* Generating specific baud rates for UART/RS-232 serial communication (3.6864 MHz is a standard multiple for communication).
#### C. Durability
Ceramic resonators are generally more mechanically robust and resistant to shock/vibration compared to fragile quartz crystals, though they offer slightly lower frequency accuracy.
---
### 3. Pin Configuration and Circuitry
The device typically features three terminals:
1. **Input:** Connected to the XTAL1/OSC1 pin of the MCU.
2. **Ground:** Connected to the system ground (GND). This is essential for the built-in capacitors.
3. **Output:** Connected to the XTAL2/OSC2 pin of the MCU.
```mermaid
graph LR
MCU_OSC1 --- Res_Input
GND --- Res_CenterPin
MCU_OSC2 --- Res_Output
```
---
### 4. Typical Applications
* **Automotive Electronics:** ABS systems, dashboard displays.
* **Consumer Electronics:** Remote controls, white goods (washers/dryers).
* **Industrial:** Basic timing for low-speed communication interfaces.
- ⤷
What are the main advantages of using a ceramic resonator over a quartz crystal?
- ⤷ How does the built-in capacitance affect PCB design?
- ⤷ Is the CSTCC series still in active production or is it EOL (End of Life)?