CSTCC3M64G56Z-R0
AI

## Electronic Overview: CSTCC3M64G56Z-R0
The **CSTCC3M64G56Z-R0** is a specific type of electronic component known as a **Ceramic Resonator** with built-in load capacitors. It is manufactured by **Murata Electronics** and is part of the CERALOCK® family.
These components are primarily used as timing elements in microcontrollers and other digital ICs, serving as a cost-effective alternative to quartz crystals.
---
### Key Specifications
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Ceramic Resonator (SMD) |
| **Frequency** | 3.64 MHz |
| **Frequency Tolerance** | ±0.5% |
| **Built-in Capacitance** | 47 pF (Typical) |
| **Operating Temperature** | -20°C to +80°C |
| **Mounting Type** | Surface Mount (SMD) |
| **Package Size** | 7.2mm x 3.0mm (Approx.) |
---
### Internal Structure and Parts
The "CSTCC" series is distinct because it is a **3-terminal device**. Here is how the internal parts function:
1. **Piezoelectric Ceramic Element:** The core "brain" of the component. It utilizes the mechanical vibration of the ceramic material to create a stable electrical frequency.
2. **Built-in Load Capacitors:** Unlike standard 2-pin crystals that require external capacitors on the PCB, this part has two capacitors integrated into the package.
3. **Electrodes:** Metallic layers that connect the ceramic element to the external terminals.
4. **Base and Cap:** A ceramic substrate and a protective wash-resistant cover to ensure durability during the soldering process.
---
### Pin Configuration
| Pin Number | Function | Description |
| :--- | :---: | :--- |
| **1** | Input | Connected to the oscillator input of the IC. |
| **2** | Ground | Connected to the system ground (GND). |
| **3** | Output | Connected to the oscillator output of the IC. |
---
### Why use this part?
* **Space Saving:** By integrating the load capacitors, it reduces the number of external components required on the PCB.
* **Stability:** While not as precise as a quartz crystal, it is much more stable and accurate than a standard RC (Resistor-Capacitor) oscillator.
* **Cost-Efficiency:** Ideal for consumer electronics where extreme precision (like high-speed networking) isn't required, but cost and size are critical.
---
- ⤷
What is the difference between a ceramic resonator and a quartz crystal?
- ⤷ Can this component be used in automotive applications?
- ⤷ How does the 'built-in capacitance' affect the PCB layout?