CSTCC3M64G56-R0
AI

### Overview of CSTCC3M64G56-R0
The **CSTCC3M64G56-R0** is a specific model of a **Ceramic Resonator** manufactured by **Murata Electronics**. It belongs to the CERALOCK® family, which is widely used for clock oscillation in microprocessors and other digital circuits.
---
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Nominal Frequency** | 3.64 MHz |
| **Frequency Tolerance** | ±0.5% |
| **Operating Temperature** | -20°C to +80°C |
| **Mounting Type** | Surface Mount (SMD) |
| **Built-in Capacitance** | Yes (Typically 15pF to 47pF per pin) |
| **Package / Case** | 7234 (metric) / 2.8mm x 7.2mm |
| **Resonance Resistance** | Max 50-100 Ω (varies by load) |
---
### Key Features and Construction
1. **Built-in Load Capacitors:**
One of the primary advantages of this part (the "C" in the prefix) is that it includes built-in load capacitors. This eliminates the need for external capacitors on the PCB, saving space and reducing component count.
2. **Piezoelectric Technology:**
It utilizes the mechanical resonance of piezoelectric ceramics. While less precise than quartz crystals, ceramic resonators are more robust, smaller, and significantly cheaper.
3. **Stability:**
The part is designed for "General Purpose" use. While it is stable enough for most microcontrollers (MCUs), it is not recommended for high-precision timing applications like real-time clocks (RTC) or high-speed USB communication.
---
### Terminal Configuration
The device typically features three terminals:
* **Input Pin:** Connected to the oscillator input of the MCU.
* **Ground Pin:** The center pin, connected to the system ground.
* **Output Pin:** Connected to the oscillator output of the MCU.
---
### Comparison: Ceramic Resonator vs. Quartz Crystal
| Characteristic | Ceramic Resonator (CSTCC) | Quartz Crystal |
| :--- | :--- | :--- |
| **Cost** | Lower | Higher |
| **Size** | Smaller (SMD) | Larger |
| **Frequency Accuracy** | Moderate (±0.5%) | High (±0.001%) |
| **Start-up Time** | Very Fast | Slower |
| **Ruggedness** | High (Vibration resistant) | Fragile |
---
### Typical Applications
* Remote controls for home appliances.
* Microprocessor clocks in toys and low-cost electronics.
* Automotive body control modules (non-safety critical).
* General-purpose embedded systems where tight timing (like Ethernet) is not required.
- ⤷
What is the significance of the 'G56' suffix in the Murata part numbering system?
- ⤷ Can this resonator be used as a direct replacement for a 3.64MHz crystal?
- ⤷ How do the built-in capacitors affect the PCB layout design?