CSTCC3M58G56A-R0
AI

## Technical Overview: CSTCC3M58G56A-R0
The **CSTCC3M58G56A-R0** is a specific model of a **Ceramic Resonator** manufactured by Murata Electronics. These components are used to provide a stable clock signal or frequency reference for microcontrollers and other integrated circuits.
### 1. Key Specifications
The following table summarizes the primary electrical characteristics of this part:
| Parameter | Value / Specification |
| :--- | :--- |
| **Component Type** | Ceramic Resonator (CSTCC Series) |
| **Nominal Frequency** | 3.58 MHz |
| **Frequency Tolerance** | ±0.5% |
| **Resonant Impedance** | 30 $\Omega$ (Max) |
| **Built-in Load Capacitance** | 47 pF (Typical) |
| **Temperature Range** | -20°C to +80°C |
| **Mounting Type** | Surface Mount (SMD) |
| **Packaging** | Tape and Reel (R0 suffix) |
---
### 2. Functional Description
Ceramic resonators like the CSTCC series utilize the mechanical vibration of piezoelectric ceramics to generate a specific frequency.
* **Internal Capacitors:** The "G" in the part number indicates that this unit includes **built-in load capacitors**. This simplifies circuit design because you do not need to add external capacitors to the oscillation circuit, saving PCB space.
* **3.58 MHz Significance:** This specific frequency is widely used in telecommunications and video systems (historically related to the NTSC color subcarrier frequency).
* **Stability:** While more stable than a simple RC circuit, it is less precise than a Quartz Crystal. However, it is cheaper, smaller, and starts up faster.
---
### 3. Pinout and Circuit Integration
The device typically features three terminals (pads):
1. **Input:** Connected to the oscillator inverter input of the MCU.
2. **Ground:** The center pin is connected to the system ground (necessary for the built-in capacitors).
3. **Output:** Connected to the oscillator inverter output of the MCU.
---
### 4. Comparison: Resonator vs. Crystal
| Feature | Ceramic Resonator (CSTCC) | Quartz Crystal |
| :--- | :--- | :--- |
| **Cost** | Low | Higher |
| **Accuracy** | Moderate (0.1% to 0.5%) | Very High (ppm range) |
| **Start-up Time** | Very Fast | Slower |
| **Size** | Very Small (Built-in Caps) | Requires external Caps |
- ⤷
What are the specific PCB footprint dimensions for the CSTCC series?
- ⤷ Can this resonator be used in automotive applications?
- ⤷ How does the frequency stability change over the -20°C to +80°C temperature range?