AI

### Product Overview: CSTCC3M58G53A-R0
The **CSTCC3M58G53A-R0** is a specific model of a **Ceramic Resonator** manufactured by Murata Manufacturing Co., Ltd. It belongs to the CERALOCK® family, which are components used to provide a stable clock frequency for microcontrollers, microprocessors, and other digital circuits.
---
### 1. Key Technical Specifications
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Nominal Frequency** | 3.58 MHz | Standard NTSC color burst frequency. |
| **Frequency Tolerance** | ±0.5% | Initial deviation from nominal frequency. |
| **Built-in Capacitance** | 15 pF | Includes internal load capacitors (CL1/CL2). |
| **Mounting Type** | Surface Mount (SMD) | Designed for automated PCB assembly. |
| **Temperature Range** | -20°C to +80°C | Standard operating range. |
| **Package Size** | 7.2 x 3.0 mm | Standard "CSTCC" footprint. |
---
### 2. Functional Characteristics
#### A. Internal Structure (Built-in Capacitors)
Unlike traditional quartz crystals that require external load capacitors to start oscillating, the "CSTCC" series includes **built-in load capacitors**.
- This reduces the component count on the PCB.
- It saves physical space and simplifies the circuit design.
#### B. Piezoelectric Effect
It operates on the principle of the piezoelectric effect. The ceramic material mechanically vibrates at a specific frequency when an electrical signal is applied, acting as a highly stable band-pass filter or timing source.
#### C. Stability vs. Crystals
- **Ceramic Resonators:** Offer faster start-up times and are generally more cost-effective and physically rugged.
- **Quartz Crystals:** Offer much higher frequency precision (PPM vs percent), but are more fragile and require more power.
---
### 3. Pinout and Connection
The device typically features **3 terminals**:
1. **Input (1):** Connected to the XTAL/OSC input of the MCU.
2. **Ground (2):** The middle pin, connected to the system ground (shared by internal capacitors).
3. **Output (3):** Connected to the XTAL/OSC output of the MCU.
---
### 4. Common Applications
- **Microcontrollers:** Providing the "heartbeat" for 8-bit or 16-bit MCUs.
- **Consumer Electronics:** TV remote controls, toys, and household appliances.
- **Legacy Video Gear:** Because it operates at 3.58 MHz (NTSC frequency), it was historically common in video encoding hardware.
---
- ⤷
What are the main advantages of using a ceramic resonator over a quartz crystal?
- ⤷ How does the built-in capacitance affect the circuit design compared to external capacitors?
- ⤷ Is this specific model still in active production or is it EOL (End of Life)?