CSTCC3M52G53-R0_V01
AI

The **CSTCC3M52G53-R0** is a specific model of a **Ceramic Resonator** manufactured by Murata Electronics. These components are used in electronic circuits as a clock source or timing element, serving as a lower-cost, smaller-sized alternative to quartz crystals.
---
### 1. Key Technical Specifications
Based on the part number nomenclature, here are the primary technical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Nominal Frequency** | 3.52 MHz |
| **Series** | CSTCC (Standard small SMD type) |
| **Resonant Impedance** | Max 50 $\Omega$ (Standard for this range) |
| **Frequency Tolerance** | ±0.5% |
| **Operating Temperature** | -20°C to +80°C |
| **Built-in Capacitance** | 15pF (Standard for "G" type) |
| **Packaging** | Tape & Reel (R0 suffix) |
---
### 2. Functional Components
The "V01" designation usually refers to a specific version or production variation (often specific to the manufacturer's internal revision tracking). Internally, the part consists of:
1. **Piezoelectric Ceramic Element:** The core material that vibrates at a specific frequency when an electrical voltage is applied.
2. **Built-in Load Capacitors:** This model belongs to the "CST" family, which includes internal capacitors. This eliminates the need for two external capacitors on the PCB, saving space.
3. **Alumina Substrate:** The ceramic base that holds the electrodes and provides mechanical stability.
---
### 3. Pin Configuration & Application
The device typically features **three terminals** in a Surface Mount Device (SMD) package:
* **Pin 1:** Input (to Oscillator In)
* **Pin 2:** Ground (Common for internal capacitors)
* **Pin 3:** Output (to Oscillator Out)
#### Common Uses:
* **Microcontrollers:** Providing the system clock for 8-bit or 16-bit MCUs.
* **Consumer Electronics:** Remote controls, toys, and small appliances where extreme precision (like that of a quartz crystal) is not required.
* **Automotive/Industrial:** Simple timing for secondary control units.
---
### 4. Comparison: Ceramic Resonator vs. Quartz Crystal
| Feature | Ceramic Resonator (CSTCC) | Quartz Crystal |
| :--- | :--- | :--- |
| **Cost** | Lower | Higher |
| **Size** | Smaller (Built-in caps) | Larger (Requires external caps) |
| **Start-up Time** | Very Fast | Slower |
| **Accuracy** | Moderate (0.1% to 0.5%) | High (ppm levels) |
- ⤷
What is the difference between the CSTCC and CSTCE series?
- ⤷ How do I calculate the frequency stability over temperature for this part?
- ⤷ Can this resonator be used as a direct replacement for a 3.52 MHz crystal?