CSTCC3M52G53-R0
AI

The **CSTCC3M52G53-R0** is a surface-mount (SMD) ceramic resonator manufactured by **Murata Electronics**. It belongs to the CERALOCK® family, which is used to provide a stable clock signal for microcontrollers and other digital circuits.
---
## 1. Technical Specifications
The following table summarizes the key electrical and physical parameters of this component:
| Parameter | Specification |
| :--- | :--- |
| **Nominal Frequency** | 3.52 MHz |
| **Frequency Tolerance** | ±0.5% |
| **Frequency Stability** | ±0.3% (over temperature) |
| **Built-in Capacitance** | 15 pF (C1 and C2) |
| **Operating Temperature** | -20°C to +80°C |
| **Package Size** | 7.2mm x 3.0mm (Case Style: CC) |
| **Mounting Type** | Surface Mount (SMD) |
---
## 2. Key Features and Internal Structure
### Built-in Load Capacitors
One of the most significant features of the `CSTCC` series is the **integrated load capacitors**.
- Standard quartz crystals require two external capacitors to create the oscillation circuit.
- The CSTCC3M52G53-R0 has these capacitors built into the ceramic substrate.
- This saves PCB space and reduces the Bill of Materials (BOM) count.
### Ceramic vs. Quartz Crystal
- **Start-up Time:** Ceramic resonators start up significantly faster than quartz crystals.
- **Cost:** They are generally more cost-effective.
- **Precision:** They are less precise than quartz (±0.5% vs. ±0.001%), making them suitable for microprocessors where extreme timing (like high-speed RF) isn't required, but general logic timing is.
---
## 3. Pin Configuration and Circuitry
The device typically features **3 terminals**:
1. **Input (1):** Connects to the OSC_IN of the MCU.
2. **Ground (2):** The middle pin, connected to the circuit ground.
3. **Output (3):** Connects to the OSC_OUT of the MCU.
---
## 4. Application Examples
- **Microcontrollers:** Providing the clock source for 8-bit or 16-bit MCUs.
- **Consumer Electronics:** Used in remote controls, toys, and small appliances.
- **Automotive:** Low-speed communication buses or dashboard controllers (where specific AEC-Q200 grades are met).
- ⤷
What are the advantages of using a ceramic resonator over a quartz crystal?
- ⤷ How does the built-in capacitance affect the PCB layout design?
- ⤷ Is this specific part compatible with automotive temperature ranges?