CSTCC3M50G56-R0
AI

The **CSTCC3M50G56-R0** is a surface-mount (SMD) ceramic resonator manufactured by **Murata Electronics**. It belongs to the CERALOCK® line, which provides a cost-effective alternative to quartz crystals for timing and clock generation in microcontroller circuits.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Nominal Frequency** | 3.50 MHz |
| **Frequency Tolerance** | ±0.5% |
| **Built-in Capacitance** | 47 pF (Internal load capacitors) |
| **Operating Temperature** | -20°C to +80°C |
| **Mounting Type** | Surface Mount (SMD) |
| **Package Size** | 7.2mm x 3.0mm (Approx.) |
| **Frequency Stability** | ±0.3% over temperature |
---
### 2. Functional Characteristics
#### Internal Load Capacitors
One of the defining features of the "G" series (like the CSTCC) is the **built-in load capacitance**.
* Standard crystals require two external ceramic capacitors to complete the oscillation circuit.
* The CSTCC3M50G56-R0 has these integrated internally. This saves PCB space and reduces the Bill of Materials (BOM) count.
#### Ceramic vs. Quartz
* **Precision:** Ceramic resonators are less precise than quartz crystals (±0.5% vs. ±0.005%).
* **Startup Time:** Ceramic resonators have a much faster "start-up" time than crystals.
* **Cost:** They are generally more affordable and more physically rugged against vibration and shock.
---
### 3. Pinout and Circuit Application
The device typically has **three terminals**:
1. **Input (Osc1):** Connected to the MCU clock input.
2. **Ground:** Connected to the system ground (common for internal capacitors).
3. **Output (Osc2):** Connected to the MCU clock output.
```mermaid
graph LR
MCU_In --| | Resonator_Pin1
GND --| | Resonator_Pin2_GND
MCU_Out --| | Resonator_Pin3
```
---
### 4. Common Applications
Due to its 3.50 MHz frequency and moderate tolerance, it is commonly found in:
* **Consumer Electronics:** Remote controls, toys, and small appliances.
* **Microcontrollers:** Serving as the external clock source for 8-bit or 16-bit MCUs.
* **Communication:** Low-speed data transfer protocols where high-precision timing isn't critical.
- ⤷
What is the difference between the CSTCC and CSTCE series from Murata?
- ⤷ Can I replace a 3.50 MHz crystal with this resonator without changing the circuit?
- ⤷ What are the soldering precautions for this specific SMD package?