AI

The **CSTCC2M40G56A-R0** is a specific surface-mount ceramic resonator manufactured by **Murata Electronics**. It belongs to the CERALOCK® family, which is widely used as a cost-effective alternative to quartz crystals for providing a clock signal to microprocessors and microcontrollers.
---
## 1. Technical Specifications
The following table outlines the key electrical and physical parameters of this component:
| Parameter | Specification |
| :--- | :--- |
| **Nominal Frequency** | 2.40 MHz |
| **Frequency Tolerance** | ±0.5% |
| **Frequency Stability** | ±0.3% (over operating temp) |
| **Built-in Load Capacitance** | 47 pF (Internal) |
| **Operating Temperature** | -20°C to +80°C |
| **Mounting Type** | Surface Mount (SMD) |
| **Package Size** | 7.2 x 3.0 mm |
---
## 2. Key Features and Internal Components
The CSTCC series is distinguished by its integration of internal components, which simplifies circuit design.
### A. Built-in Load Capacitors
Unlike traditional quartz crystals that require two external ceramic capacitors to function, the "CST" series includes **built-in load capacitors**.
* **Benefit:** This saves PCB space, reduces the Bill of Materials (BOM), and minimizes parasitic interference.
* **Circuitry:** It is a 3-terminal device (Input, Ground, Output).
### B. Piezoelectric Ceramic Material
It utilizes the mechanical vibration of a piezoelectric ceramic element. When an electrical signal is applied, the material vibrates at its resonant frequency (2.40 MHz), providing a stable timing reference.
---
## 3. Pin Configuration
Since this is a 3-terminal resonator, the layout is typically as follows:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | Input | Connected to the oscillator input of the IC. |
| **2** | Ground | Connected to the system ground (GND). |
| **3** | Output | Connected to the oscillator output of the IC. |
---
## 4. Common Applications
Due to its 2.40 MHz frequency and standard stability, it is commonly used in:
* **Microcontroller Clocks:** Providing the heartbeat for 8-bit or 16-bit MCUs.
* **Consumer Electronics:** Remote controls, toys, and small appliances.
* **Automotive/Industrial:** Non-safety critical timing (e.g., body control modules or status displays).
---
## 5. Comparison: Resonator vs. Crystal
| Feature | Ceramic Resonator (CSTCC) | Quartz Crystal |
| :--- | :--- | :--- |
| **Accuracy** | Moderate (±0.5%) | High (±0.001%) |
| **Cost** | Low | Higher |
| **Start-up Time** | Very Fast | Slower |
| **Size** | Smaller (Internal Caps) | Larger (External Caps needed) |
- ⤷What is the difference between the CSTCC and CSTCE series?
- ⤷ How do I calculate the matching circuit for this resonator?
- ⤷ Can this part be used in high-precision RF applications?