CSTCC2M12G56-R0
AI

### Technical Overview: CSTCC2M12G56-R0
The **CSTCC2M12G56-R0** is a specific type of **Ceramic Resonator** manufactured by Murata Electronics. It belongs to the CERALOCK® line, which uses the mechanical resonance of piezoelectric ceramics to create a stable frequency for electronic circuits.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Resonant Frequency** | 2.12 MHz |
| **Frequency Tolerance** | ±0.5% |
| **Internal Capacitance** | 47 pF (Built-in) |
| **Operating Temperature** | -20°C to +80°C |
| **Mounting Type** | Surface Mount (SMD) |
| **Package / Case** | 7.2mm x 3.0mm (Approx.) |
| **Load Capacitance** | Built-in Load Capacitors |
---
### 2. Physical Design and Function
The CSTCC series is characterized by its **3-terminal** design. Unlike standard 2-pin crystals that require external load capacitors, this component integrates them internally.
* **Input/Output Terminals:** Connect to the oscillator circuit of the MCU.
* **Ground Terminal:** The center pin connects to the system ground, serving as the common point for the two internal capacitors.
---
### 3. Comparison: Ceramic Resonator vs. Quartz Crystal
It is important to understand why this part is chosen over a standard quartz crystal:
| Feature | Ceramic Resonator (CSTCC) | Quartz Crystal |
| :--- | :--- | :--- |
| **Frequency Stability** | Moderate (±0.5%) | Very High (±0.005%) |
| **Startup Time** | Very Fast | Slower |
| **Cost** | Low | Higher |
| **Size** | Small (Integrated Caps) | Larger (Requires external caps) |
---
### 4. Common Applications
Due to its 2.12 MHz frequency and moderate stability, this part is typically found in:
1. **Microcontroller Clocks:** Providing the heartbeat for 8-bit or 16-bit MCUs.
2. **Consumer Electronics:** Remote controls, toys, and small appliances.
3. **Communication Equipment:** Low-speed data processing units where precise timing (like high-speed USB) is not required.
---
### 5. Circuit Implementation
To use this part, you connect the outer pins to the `OSC_IN` and `OSC_OUT` pins of your microcontroller, and the middle pin to `GND`. No additional capacitors are needed.
```c
// Typical MCU Oscillator Configuration for 2.12MHz
// The hardware takes care of the oscillation; software defines the clock source.
CLK_Source = EXTERNAL_RESONATOR;
System_Clock = 2.12MHz;
```
---
- ⤷
What is the difference between the CSTCC and CSTCE series from Murata?
- ⤷ Can this resonator be replaced by a 2.12 MHz quartz crystal without circuit changes?
- ⤷ How do internal load capacitors affect the PCB layout for this part?