CSTCC2M00G53Z-R0
AI

### CSTCC2M00G53Z-R0 Electronic Component Overview
The **CSTCC2M00G53Z-R0** is a specific model of a **Ceramic Resonator** manufactured by Murata Electronics. It belongs to the CERALOCK® family, which is widely used for timing and frequency control in microcontrollers and other digital circuits.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Frequency** | 2.00 MHz |
| **Frequency Tolerance** | ±0.5% |
| **Resonant Impedance** | 80 Ω (max) |
| **Load Capacitance** | 15 pF (Built-in) |
| **Operating Temperature** | -20°C to +80°C |
| **Package / Case** | SMD (Surface Mount Device) |
| **Dimensions** | 7.20mm x 3.00mm x 1.60mm |
---
### 2. Core Features
* **Built-in Load Capacitors:** This part features internal load capacitors, eliminating the need for two external capacitors on the PCB. This saves space and reduces the Bill of Materials (BOM) cost.
* **Small Footprint:** Its surface-mount design is optimized for high-density mounting.
* **High Stability:** While not as precise as a quartz crystal, it offers better stability and faster startup times than standard RC (Resistor-Capacitor) oscillators.
* **Cost-Effective:** It provides a middle-ground solution between low-cost RC oscillators and high-precision quartz crystals.
---
### 3. Pin Configuration and Circuit Integration
The CSTCC series typically features a **3-terminal** layout:
1. **Input:** Connected to the oscillator input of the MCU.
2. **Ground (GND):** The center pin is connected to the common ground (essential for the internal capacitors).
3. **Output:** Connected to the oscillator output of the MCU.
---
### 4. Common Applications
* **Microcontrollers:** Serving as the clock source for 8-bit or 16-bit MCUs.
* **Consumer Electronics:** Used in remote colors, home appliances (washers, microwaves), and toys.
* **Industrial Equipment:** General-purpose timing for non-critical communication and processing.
---
### 5. Part Number Breakdown (Nomenclature)
* **CSTCC:** Product Series (CERALOCK® SMD type with built-in caps).
* **2M00:** Nominal Frequency (2.00 MHz).
* **G:** Frequency Tolerance/Stability code.
* **53:** Individual Specification code (Load capacitance/Dimensions).
* **Z-R0:** Packaging code (Tape and Reel).
- ⤷
What is the difference between this ceramic resonator and a quartz crystal oscillator?
- ⤷ Can I use this part in automotive applications?
- ⤷ How does the built-in capacitance affect the PCB layout design?