công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CSSH

  • AI
    It appears you are referring to **CCSH (Cold Cathode Surface Heating)** or similar high-voltage/discharge electronic components, often related to **CCFL (Cold Cathode Fluorescent Lamp)** inverter systems or specialized high-frequency power electronics. In electronic engineering, these systems rely on a specific set of components designed to manage high voltage, frequency, and thermal efficiency. --- ### Core Electronic Components The following table breaks down the primary electronic parts found in these high-voltage driver circuits: | Component | Function | Key Characteristics | | :--- | :--- | :--- | | **Inverter Controller IC** | Manages the PWM (Pulse Width Modulation) to control brightness and power. | High precision, feedback loop integration. | | **Power MOSFETs** | High-speed switching to convert DC to AC. | Low $R_{DS(on)}$, high thermal stability. | | **Step-up Transformer** | Boosts low voltage (e.g., 12V) to high strike voltage (e.g., 1000V+). | Ferrite core, multi-layer high-voltage windings. | | **Ballast Capacitors** | Regulates the current flowing through the discharge tube. | High voltage rating (kV range), NPO/C0G dielectric. | | **Shunt Resistors** | Used for current sensing to provide feedback to the IC. | High precision, low resistance. | --- ### System Architecture Breakdown #### 1. The Switching Stage Most systems use a **Royer Oscillator** or a **Full-Bridge/Half-Bridge** topology. The MOSFETs switch rapidly, creating a high-frequency signal (typically 40kHz to 80kHz) that is fed into the primary side of the transformer. #### 2. The High-Voltage Section Because gas discharge or surface heating requires a high "strike" voltage to ionize the medium, the secondary side of the transformer is the most critical part. * **Insulation:** The PCB traces here must have wide clearance (creepage) to prevent arcing. * **Protection:** Diodes and snubbers are used to prevent voltage spikes from damaging the switching transistors. #### 3. Feedback and Dimming To maintain a steady output, the circuit monitors the current. If the tube or heating element fails, the controller IC detects a "no-load" or "over-voltage" condition and shuts down the system to prevent a fire hazard. --- ### Typical Circuit Specifications ```cpp // Pseudocode logic for a Controller IC Protection Routine if (output_voltage > MAX_THRESHOLD) { shutdown_pwm(); trigger_fault_led(); } else if (current_feedback < MIN_STRIKE_CURRENT) { increase_duty_cycle(); } ```
    ✨ Follow-up Questions
    • ⤷ What are the common failure modes for high-voltage step-up transformers?
    • ⤷ How does a Royer Oscillator differ from a PWM-driven bridge circuit?
    • ⤷ What safety standards govern high-voltage electronic components like these?