công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CSS58

  • AI
    Based on your inquiry, it appears you are referring to the **CSS58 series**, which is a high-performance **Absolute Rotary Encoder** manufactured by companies like TR-Electronic. These devices are critical components in industrial automation. Below is a breakdown of the electronic components, specifications, and interfaces of the CSS58. --- ### 1. Core Technical Specifications The CSS58 is a "Standard" size (58mm diameter) encoder used for precise position tracking. | Feature | Specification | | :--- | :--- | | **Resolution** | Up to 13-bit (Singleturn) / 12 to 16-bit (Multiturn) | | **Supply Voltage** | 10 - 30 VDC | | **Output Code** | Binary or Gray Code | | **Interface Options** | SSI (Synchronous Serial Interface), Parallel, or Analog | | **Max Speed** | 6,000 RPM to 12,000 RPM (Mechanical) | --- ### 2. Electronic Parts and Architecture The internal electronics are divided into three primary functional blocks: #### A. Sensing Unit (Optical or Magnetic) * **LED Emitter:** A high-precision light source. * **Coding Disk:** A glass or plastic disk with etched patterns. * **Photo-detector Array:** Receives light pulses and converts them into low-level electrical signals. #### B. Signal Processing (ASIC) * **Amplifier:** Boosts the weak signals from the sensors. * **Logic Controller:** Processes the raw data into an absolute position. Unlike incremental encoders, these electronics remember the position even after a power loss. * **EEPROM:** Stores calibration data and configuration settings. #### C. Output Stage (Communication) * **Line Drivers:** RS422 or similar drivers that allow the signal to travel over long cables without interference. * **Transceivers:** Specifically for SSI or Fieldbus communication. --- ### 3. Connection and Wiring The CSS58 typically uses an **M23 or M12 connector**. The pinout varies based on the interface (SSI vs. Parallel). ```yaml # Typical SSI Wiring Example Pin 1: GND (0V) Pin 2: +V (Supply Voltage) Pin 3: Clock + (Input) Pin 4: Clock - (Input) Pin 5: Data + (Output) Pin 6: Data - (Output) Pin 7: Preset (Zeroing signal) ``` --- ### 4. Key Electronic Features * **Programmability:** Many CSS58 models allow electronic adjustment of the resolution and counting direction via software. * **Diagnostics:** Modern versions include internal monitoring electronics that trigger an "Error" bit if the LED intensity drops or if a disk failure is detected. * **Protection:** Integrated electronics provide protection against **reverse polarity** and **short circuits** on output lines. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between Singleturn and Multiturn electronics in the CSS58?
    • ⤷ How do I wire a CSS58 encoder to a PLC using the SSI interface?
    • ⤷ Are there magnetic versions of the CSS58 for harsh environments?