công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CSS2010

  • AI
    The **CSS2010** is a highly specialized Electronic Speed Controller (ESC) and power management module, commonly used in high-reliability industrial drones and unmanned aerial systems (UAS). It is designed to handle high-voltage and high-current demands while providing telemetry data. --- ## 1. Core Electronic Components The internal architecture of the CSS2010 consists of several critical electronic sub-systems: | Component | Function | | :--- | :--- | | **MOSFET Array** | High-power Field Effect Transistors that switch current to the motor phases. | | **Microcontroller (MCU)** | The "brain" that processes PWM/DShot signals and manages commutation. | | **Gate Drivers** | Interfaces between the MCU and MOSFETs to ensure rapid, clean switching. | | **Current Sensors** | Hall-effect or Shunt resistors to monitor real-time amperage. | | **BEC (Battery Eliminator Circuit)** | A step-down voltage regulator providing 5V/12V for peripherals. | --- ## 2. Technical Specifications The electronics are built to withstand harsh environments and high loads. * **Input Voltage:** Typically supports 6S to 14S LiPo (approx. 22V – 60V). * **Continuous Current:** Rated for 100A – 120A (depending on airflow/cooling). * **Peak Current:** Can handle bursts up to 150A. * **Signal Protocol:** Supports PWM, OneShot, and DShot (digital signaling). --- ## 3. Advanced Electronic Features ### A. Integrated Telemetry Unlike basic ESCs, the CSS2010 electronics include a communication bus (often UART or CAN bus) that transmits live data to the flight controller: * **RPM Monitoring:** Prevents motor stalls. * **Temperature Sensing:** Thermal throttling to prevent MOSFET burnout. * **Voltage/Current:** Real-time power consumption metrics. ### B. Protection Circuits The PCB (Printed Circuit Board) is populated with safety components: 1. **Over-Voltage Protection (OVP):** Prevents damage from voltage spikes. 2. **Thermal Shutdown:** Automatically reduces power if internal temps exceed $100^\circ C$. 3. **Low-Voltage Cutoff:** Protects the battery from deep discharge. ### C. Filtering and Capacitance The unit features a bank of **Low-ESR Electrolytic Capacitors**. These are essential to: * Smooth out voltage ripples caused by high-speed switching. * Protect the electronics from "Inductive Kickback" (back-EMF) from the motor. --- ## 4. Hardware Connectivity ```yaml Connections: - Power_In: XT90 or Solder Pads (Positive/Negative) - Motor_Out: 3-Phase Bullet Connectors (U, V, W) - Signal_Input: Ground, Signal, and Telemetry wires - Auxiliary: 5V/12V Out (if BEC is present) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum voltage rating for the CSS2010?
    • ⤷ Does the CSS2010 support CAN bus communication?
    • ⤷ How do the MOSFETs in this unit handle heat dissipation?