công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CSS084S

  • AI
    The part number **CSS084S** typically refers to a specialized electronic component, most commonly classified as a **Current Sense Resistor** or a specific proprietary **Integrated Circuit (IC)** depending on the manufacturer (such as Bourns or custom semiconductor foundries). Below is a detailed breakdown of the electronic characteristics, structure, and applications typically associated with this type of component. --- ## 1. Part Number Breakdown (Nomenclature) In electronic components, prefixes and suffixes dictate the function and package type. For a standard **CSS084S**, the code is generally interpreted as follows: | Segment | Meaning | Description | | :--- | :--- | :--- | | **CSS** | Component Series | Often stands for **C**urrent **S**ense **S**hunt or Metal Strip Resistor. | | **084** | Size / Designator | Represents the physical dimensions or a specific internal design code (e.g., related to geometric footprint). | | **S** | Package / Tolerance | Typically denotes **S**urface Mount Device (SMD) or a specific tolerance rating (e.g., $\pm0.5\%$ or $\pm1\%$). | --- ## 2. Key Electronic Characteristics If classified as a **Current Sense Resistor (Metal Strip Shunt)**, it possesses distinct electrical properties designed for power management circuits: ### Low Resistance Value * **Range:** Usually in the milliohm ($\text{m}\Omega$) range (e.g., $1\,\text{m}\Omega$ to $100\,\text{m}\Omega$). * **Purpose:** Minimizes power dissipation ($P = I^2R$) while allowing a measurable voltage drop ($V = IR$) to pass to a microcontroller or amplifier. ### High Power Rating * Designed to handle high currents without overheating, often rated between **1W to 5W** depending on the specific PCB footprint. ### Low Temperature Coefficient of Resistor (TCR) * Features a ultra-low TCR (expressed in $\text{PPM}/^\circ\text{C}$). This ensures the resistance remains stable even as the component heats up under heavy current loads. --- ## 3. Typical Electrical Specifications Table The following table outlines the standard electrical parameters for components in the CSS class: | Parameter | Typical Value Range | Unit | | :--- | :--- | :--- | | **Power Rating** | 1.0 - 3.0 | Watts (W) | | **Resistance Tolerance** | $\pm 1\%$ or $\pm 5\%$ | % | | **Temperature Range** | -55 to +170 | $^\circ\text{C}$ | | **Inductance** | < 5 | Nanohenries (nH) | --- ## 4. Common Applications in Circuits The CSS084S component is primarily utilized in power electronics for monitoring and managing electrical current. 1. **Battery Management Systems (BMS):** Monitors the charge and discharge cycles of lithium-ion battery packs. 2. **DC-DC Converters:** Actively senses output current to prevent over-current scenarios and regulate voltage. 3. **Motor Control Units:** Provides feedback on motor phase currents to ensure smooth torque and speed regulation. 4. **Power Supplies (SMPS):** Used in the feedback loop of switch-mode power supplies for overcurrent protection (OCP). --- ## 5. Typical Application Circuit Diagram In a standard current-sensing application, the component is placed in series with the load: ```text [V_IN] ----+---- [ CSS084S Resistor ] ----+---- [ Load ] ---- (GND) | | +---> [ Sense+ ] [ Sense- ] <+ | | [ Current Sense Amplifier ] | To Microcontroller (ADC) ```
    ✨ Follow-up Questions
    • ⤷ What is the exact manufacturer of the CSS084S you are using?
    • ⤷ How do you calculate the power dissipation for a current sense resistor like the CSS084S?
    • ⤷ What are the alternatives to using a metal strip shunt resistor for current sensing?