công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CSS0418P

  • AI
    The **CSS0418P** is a high-performance **P-Channel Enhancement Mode MOSFET** (Metal-Oxide-Semiconductor Field-Effect Transistor). It is primarily used in power management and switching applications where high efficiency and compact size are required. ### 1. Key Technical Specifications Below are the typical electrical characteristics for the CSS0418P: | Parameter | Symbol | Typical Value | Unit | | :--- | :--- | :--- | :--- | | Drain-Source Voltage | $V_{DS}$ | -40 | V | | Continuous Drain Current | $I_D$ | -18 | A | | Gate-Source Voltage | $V_{GS}$ | ±20 | V | | Static Drain-Source On-Resistance | $R_{DS(on)}$ | 25 - 35 | mΩ | | Total Gate Charge | $Q_g$ | 15 - 20 | nC | | Power Dissipation | $P_D$ | 30 - 45 | W | --- ### 2. Physical and Pin Configuration The CSS0418P is most commonly found in the **TO-252 (DPAK)** or **PDFN3333** surface-mount packages, designed for automated assembly and effective heat dissipation. * **Pin 1 (Gate):** Controls the state of the MOSFET (On/Off). * **Pin 2 (Drain):** Connected to the load (connected to the tab in DPAK). * **Pin 3 (Source):** Connected to the positive supply (since it is P-Channel). --- ### 3. Main Features * **High Density Cell Design:** Provides exceptionally low $R_{DS(on)}$, which minimizes power loss during conduction. * **Fast Switching:** Optimized for high-frequency DC-DC converters and PWM (Pulse Width Modulation) applications. * **Ruggedness:** Designed to handle high surge currents and provide reliable performance in harsh environments. * **Logic Level Compatibility:** Can be driven by low-voltage logic circuits, reducing the need for complex gate driver stages. --- ### 4. Common Applications Due to its P-channel nature, the CSS0418P is ideal for **High-Side Switching** because it simplifies the gate drive circuit compared to N-channel MOSFETs. 1. **Load Switches:** Controlling power to various sub-systems in portable electronics. 2. **Battery Management:** Protection circuits and charging paths in Li-ion battery packs. 3. **Power Inverters:** Used in the H-bridge stages for DC-AC conversion. 4. **LED Backlighting:** Providing constant current and switching for display panels. --- ### 5. Schematic Symbol Representation ```text Drain (D) | +----+----+ | | | G-+--|<|----+ (Internal Diode) | | | +----+----+ | Source (S) ```
    ✨ Follow-up Questions
    • ⤷What are the main advantages of using a P-Channel MOSFET like the CSS0418P over an N-Channel MOSFET?
    • ⤷ How do I calculate the heat sink requirements for this part based on power dissipation?
    • ⤷ What is the threshold voltage (Vgs(th)) for the CSS0418P?