CSI-RGFB-300-UFFR-B
AI

The **CSI-RGFB-300-UFFR-B** is a specialized high-frequency RF (Radio Frequency) cable assembly typically used in telecommunications, testing environments, and industrial wireless applications.
Below is a breakdown of its electronic characteristics and components.
---
## 1. Component Specifications
The part number follows a specific nomenclature that defines its electronic and physical properties:
| Feature | Specification Details |
| :--- | :--- |
| **Cable Type** | RG-178 (High-temperature micro-coaxial) |
| **Connector A** | U.FL (IPEX) Right Angle Female |
| **Connector B** | SMA Bulkhead (Female) with O-ring |
| **Impedance** | 50 Ohms (Standard RF impedance) |
| **Length** | 300mm (approximately 11.8 inches) |
| **Frequency Range** | DC to 6 GHz |
---
## 2. Key Electronic Parts & Materials
The assembly consists of three primary electronic segments:
### A. The U.FL Connector (Micro-Miniature)
* **Purpose:** To connect to the PCB (Printed Circuit Board).
* **Electronic Property:** Designed for very low profile and small footprint; however, it has a limited mating cycle (usually ~30 cycles).
* **Contact Plating:** Gold-plated center contact to minimize signal loss and prevent oxidation.
### B. The RG-178 Coaxial Cable
* **Dielectric:** Usually PTFE (Teflon), which provides high insulation and thermal stability.
* **Shielding:** Silver-plated copper braid. This provides high shielding effectiveness to prevent Electromagnetic Interference (EMI).
* **Attenuation:** Since it is a thin cable (approx. 1.8mm diameter), it has higher signal loss (attenuation) over long distances compared to thicker cables like RG-58.
### C. The SMA Bulkhead Connector
* **Purpose:** The external interface for antennas or external RF cables.
* **Material:** Often brass with Gold or Nickel plating.
* **Weatherproofing:** The "B" in the suffix often denotes a **Bulkhead** style with an O-ring, providing a moisture seal when mounted to an enclosure.
---
## 3. Signal Performance Summary
```markdown
* VSWR (Voltage Standing Wave Ratio): < 1.35:1 up to 3GHz
* Insertion Loss: ~0.5dB to 1.2dB (dependent on frequency)
* Operating Voltage: 335V Max
* Temperature Rating: -55°C to +155°C
```
---
## 4. Typical Applications
* **Wi-Fi/Bluetooth Modules:** Connecting internal M.2 or Mini-PCIe cards to external antennas.
* **IoT Gateways:** Routing cellular (LTE/5G) or LoRa signals from the internal board to the chassis exterior.
* **RF Prototyping:** Used in lab environments to bridge miniature board test points to standard SMA test equipment.
- ⤷
What is the maximum frequency range this cable can handle without significant signal degradation?
- ⤷ How does RG-178 cable compare to RG-174 in terms of signal loss?
- ⤷ What are the mounting hole dimensions required for the SMA Bulkhead connector?