CSI-RGFB-200-UFFR-B
AI

The **CSI-RGFB-200-UFFR-B** is a high-performance RF (Radio Frequency) cable assembly typically used in telecommunications, testing equipment, and wireless infrastructure.
Below is a detailed breakdown of its electronic components and specifications.
---
## 1. Component Identification
This part number follows a standard nomenclature for RF coaxial assemblies:
| Segment | Description | Specific Detail |
| :--- | :--- | :--- |
| **CSI** | Manufacturer Prefix | Often refers to *Connectify* or specialized RF assembly houses. |
| **RG** | Cable Type | Refers to the "Radio Guide" standard (RG-series). |
| **200** | Cable Impedance/Size | Typically relates to **RG-200** or an equivalent low-loss 50 Ohm cable. |
| **UFFR** | Connector Type A/B | Ultra-Fine / Ultra-Flexible RF connectors (likely U.FL or MMCX variants). |
| **B** | Orientation/Bulk | Bulkhead mounting or specific revision "B". |
---
## 2. Technical Specifications
The electrical integrity of this part is defined by its ability to transmit signals with minimal loss (attenuation).
### Electrical Characteristics
* **Impedance:** 50 Ohms (Standard for RF signal integrity).
* **Frequency Range:** Typically DC to 6 GHz (Common for Wi-Fi 6, Bluetooth, and LTE).
* **Insulation Resistance:** Usually $\geq$ 500 MΩ.
* **Dielectric Withstanding Voltage:** 200V AC (Standard for micro-miniature connectors).
### Physical Construction
1. **Center Conductor:** Silver-plated copper or copper-clad steel for high conductivity.
2. **Dielectric:** PTFE (Teflon) providing a low dielectric constant for high-speed signal propagation.
3. **Shielding:** Braided tinned copper to prevent Electromagnetic Interference (EMI).
4. **Jacket:** FEP (Fluorinated Ethylene Propylene) or PVC, offering chemical resistance and flexibility.
---
## 3. Application Use Cases
This specific assembly is designed for tight spaces where signal loss must be minimized:
* **IoT Modules:** Connecting internal PCBs to external antennas.
* **GPS/GNSS:** High-frequency satellite signal transmission.
* **Mobile Devices:** Internal routing of 4G/5G signals within handheld hardware.
---
## 4. Maintenance & Handling
| Feature | Handling Requirement |
| :--- | :--- |
| **Bend Radius** | Do not exceed the minimum bend radius (typically 5x cable diameter) to avoid signal "leakage". |
| **Mating Cycles** | U.FL style connectors are rated for low mating cycles (approx. 30 cycles). |
| **ESD Protection** | Always handle in an Electrostatic Discharge protected area to avoid damaging sensitive RF front-end components. |
- ⤷
What is the exact insertion loss (dB) for this cable at 2.4 GHz?
- ⤷ Is this cable compatible with standard SMA bulkhead connectors?
- ⤷ What is the specific outer diameter (OD) of the RG-200 cable used here?