công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CSEB0430H-R33M

  • AI
    The **CSEB0430H-R33M** is a high-performance, surface-mount (SMD) power inductor. This component is typically used in power management circuits for voltage regulation and filtering. ### 1. Part Number Breakdown The part number follows a specific nomenclature that describes its physical and electrical characteristics: | Code | Component Segment | Description | | :--- | :--- | :--- | | **CSEB** | Series Name | High-current, shielded power inductor series | | **0430** | Dimensions | Approx. 4.0mm x 4.0mm (Size) and 3.0mm (Height) | | **H** | Material/Type | Often designates high-temp or high-current alloy core | | **R33** | Inductance Value | **0.33 µH** (R denotes the decimal point) | | **M** | Tolerance | **±20%** tolerance rating | --- ### 2. Key Technical Specifications While exact specifications can vary slightly by manufacturer (such as Cyntec or Chilisin), the typical parameters for this part are: * **Inductance:** 0.33 µH * **DC Resistance (DCR):** Extremely low (typically < 5-7 mΩ), which minimizes power loss and heat. * **Saturation Current ($I_{sat}$):** High rating (often 10A - 15A+), meaning it maintains inductance even at high current peaks. * **RMS Current ($I_{rms}$):** The continuous current it can handle based on temperature rise (typically 8A - 12A). * **Operating Temperature:** Generally ranges from -55°C to +125°C. --- ### 3. Construction and Features * **Shielded Design:** The inductor is magnetically shielded. This reduces Electromagnetic Interference (EMI), preventing the magnetic field from interfering with nearby sensitive components on the PCB. * **Metal Alloy Core:** Unlike traditional ferrite cores, these use a molded metal powder. This allows for "soft saturation" characteristics, meaning the inductance drops gradually rather than abruptly when current increases. * **Compact Footprint:** The "0430" size is ideal for high-density electronic assemblies like smartphones, laptops, and GPU power stages. --- ### 4. Typical Applications This component is commonly found in **DC-DC Converters** and **Point of Load (POL)** modules for: 1. **Motherboards & Servers:** CPU/GPU core power supply. 2. **Mobile Devices:** High-efficiency battery management. 3. **SSD Drives:** Clean power delivery for high-speed controllers. 4. **Automotive Electronics:** Infotainment and ADAS power rails.
    ✨ Follow-up Questions
    • ⤷ What is the difference between R33 and 330 in inductor labeling?
    • ⤷ How does saturation current affect the performance of this inductor?
    • ⤷ What are the common alternatives to the CSEB0430H series?