công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CSDX0100G2R

  • AI
    The **CSDX0100G2R** is a high-performance, precision pressure sensor, typically manufactured by **Honeywell** as part of their CS series. It is designed to measure gauge pressure with high accuracy and stability. --- ### ## Technical Specifications Below are the primary electronic and physical characteristics of the CSDX0100G2R: | Parameter | Specification | | :--- | :--- | | **Pressure Range** | 0 to 100 psi (Pounds per Square Inch) | | **Pressure Type** | Gauge (Reference to atmospheric pressure) | | **Output Type** | Digital (I2C or SPI, depending on the specific sub-series) | | **Supply Voltage** | Typically 3.3V or 5.0V DC | | **Accuracy** | High Precision (Total Error Band often < 1.0% FSS) | | **Operating Temperature** | -20°C to 85°C (Typical) | | **Media Compatibility** | Non-corrosive, non-ionic liquids or gases | --- ### ### Key Electronic Components & Features 1. **Piezoresistive Sensing Element:** The core of the device is a silicon-based micromachined sensing element. When pressure is applied, the resistance of the internal bridge circuit changes, converting mechanical force into an electrical signal. 2. **ASIC (Application-Specific Integrated Circuit):** Unlike basic analog sensors, the "D" in CSDX signifies a digital output. The internal ASIC performs: * **Signal Amplification:** Boosting the tiny millivolt signal from the sensor. * **Temperature Compensation:** Correcting for errors caused by environmental temperature changes. * **Calibration:** Ensuring the output is linear across the 0-100 psi range. 3. **Communication Interface:** The sensor provides data in a digital format (likely 14-bit resolution). This reduces noise susceptibility compared to analog voltage outputs and allows for direct interfacing with microcontrollers like Arduino, STM32, or ESP32. --- ### ### Typical Pin Configuration While you should always consult the specific datasheet for your package, these sensors generally follow this layout: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | **GND** | Ground (0V) | | 2 | **VCC** | Positive Supply Voltage | | 3 | **SDA / MISO** | Serial Data Line | | 4 | **SCL / SCLK** | Serial Clock Line | --- ### ### Application Use Cases * **Medical Equipment:** Oxygen concentrators and respiratory monitors. * **Industrial Automation:** Pneumatic control systems and leak detection. * **HVAC Systems:** Monitoring duct pressure or filter clogs.
    ✨ Follow-up Questions
    • ⤷ Does this sensor require a specific pull-up resistor for the I2C lines?
    • ⤷ What is the maximum overpressure limit for the CSDX0100G2R?
    • ⤷ Can this sensor be used with corrosive liquids?