công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CSACW25M0X51-R0

  • AI
    The **CSACW25M0X51-R0** is a specific type of electronic component known as a **Ceramic Resonator**. It is manufactured by Murata Manufacturing and is primarily used to provide a stable clock signal for microcontrollers and other digital circuits. --- ## 1. Technical Specifications The part number encodes specific characteristics of the device. Below is a breakdown of its primary technical parameters: | Parameter | Specification | | :--- | :--- | | **Frequency** | 25.000 MHz | | **Frequency Tolerance** | ±0.5% | | **Frequency Stability** | ±0.3% (over temperature range) | | **Mounting Type** | Surface Mount (SMD) | | **Operating Temperature** | -20°C to +80°C | | **Capacitance (Built-in)** | None (requires external load capacitors) | | **Dimensions** | 2.5 x 2.0 mm | --- ## 2. Component Structure and Function Ceramic resonators operate on the principle of **piezoelectricity**. When an electrical signal is applied, the ceramic material vibrates mechanically at a specific frequency (25 MHz in this case). ### Key Features: * **Form Factor:** It belongs to the "CERALOCK" product line, specifically the small SMD type designed for high-density circuit boards. * **Cost-Effectiveness:** Ceramic resonators are generally cheaper than quartz crystals, though they have slightly lower frequency precision. * **Startup Time:** They offer faster oscillation startup times compared to standard quartz crystals. --- ## 3. Implementation (Circuit Design) Unlike some "CERALOCK" models that have internal capacitors (three-terminal devices), the **CSACW** series typically requires external load capacitors to form the oscillation circuit. ### Typical Wiring Diagram ```text [Microcontroller] / \ OSC_IN OSC_OUT | | +---[Resonator]--+ | | [C1] [C2] | | GND GND ``` *Note: C1 and C2 are usually between 5pF and 15pF depending on the IC requirements.* --- ## 4. Comparison: Resonator vs. Crystal | Feature | CSACW25M0X51-R0 (Resonator) | Quartz Crystal | | :--- | :--- | :--- | | **Accuracy** | Moderate (±0.5%) | High (±0.001%) | | **Cost** | Low | Higher | | **Size** | Very Small | Varies | | **Durability** | High (Mechanical Shock resistant) | Moderate (Fragile) |
    ✨ Follow-up Questions
    • ⤷ What are the recommended load capacitor values for this specific resonator?
    • ⤷ Can this part be used in automotive applications?
    • ⤷ What is the difference between the CSACW and CSTCW series?