công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CSAC0530-R33M

  • AI
    The **CSAC0530-R33M** is a specific type of **Surface Mount (SMD) Power Inductor**. These components are essential in modern electronics for energy storage and noise filtering, particularly in compact power management circuits. Below is a detailed breakdown of its specifications and electronic characteristics. --- ## 1. Technical Specifications The part number typically follows a standard naming convention for molded power inductors. Here is the breakdown of the parameters: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Inductance** | 0.33 µH | The "R33" denotes 0.33 microhenries. | | **Tolerance** | ±20% | The "M" suffix indicates a standard 20% tolerance. | | **Size Code** | 0530 | Dimensions: approx. 5.4mm x 5.2mm with a 3.0mm height. | | **Material** | Metal Alloy Powder | Provides high saturation current and soft saturation. | | **Construction** | Shielded / Molded | Reduces Electromagnetic Interference (EMI). | --- ## 2. Key Electronic Features ### High Saturation Current ($I_{sat}$) Because it uses a metal alloy core rather than a traditional ferrite core, this inductor exhibits **"Soft Saturation."** This means that as the current increases, the inductance drops gradually rather than abruptly, allowing the circuit to handle peak current spikes without failing. ### Low DC Resistance (DCR) The internal coil is designed to have very low resistance. This is critical for: * Minimizing heat generation. * Improving the efficiency of DC-DC converters. * Extending battery life in portable devices. ### EMI Shielding The molded construction acts as a natural shield. This prevents the magnetic fields generated by the inductor from interfering with nearby sensitive components (like microprocessors or radio modules). --- ## 3. Common Applications The CSAC0530-R33M is commonly found in the following electronic environments: 1. **DC-DC Converters:** Specifically "Buck" (step-down) converters used to power CPUs and GPUs. 2. **Laptops and Tablets:** Due to its low profile (3.0mm) and high current handling. 3. **POL (Point of Load) Modules:** Localized power regulation on motherboards. 4. **Servers:** High-current power rails where space is at a premium. --- ## 4. Equivalent Circuit Model To simulate this part in software like LTspice, the following characteristics are considered: ```spice * Inductor Model L1 NodeA NodeB 0.33uH R_DCR NodeB NodeC 4.5mOhm ; Estimated typical DCR C_Par NodeA NodeC 2pF ; Parasitic Capacitance ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Irms) for the CSAC0530-R33M?
    • ⤷ How does 'soft saturation' in metal alloy inductors differ from ferrite core inductors?
    • ⤷ Which manufacturers produce the CSAC series or compatible equivalents?