AI

The **CSAB128050-R56M** is a high-current, surface-mount (SMD) power inductor commonly used in DC-DC converters, voltage regulator modules (VRM), and high-efficiency power supplies.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the physical and electrical characteristics:
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **CSAB** | Series Name | High-current, shielded power inductor series. |
| **128050** | Dimensions | Approx. 12.0mm (L) x 8.0mm (W) x 5.0mm (H). |
| **R56** | Inductance Value | **0.56 µH** (microHenries). |
| **M** | Tolerance | **±20%** tolerance on the inductance value. |
---
### 2. Technical Specifications
While exact values can vary slightly by manufacturer (e.g., Cyntec or Chilisin), the typical specifications for a "R56" in this footprint are:
* **Inductance:** 0.56 µH.
* **DC Resistance (DCR):** Extremely low (typically < 1.0 mΩ) to minimize power loss.
* **Saturation Current ($I_{sat}$):** Very high, often ranging from **40A to 60A**. This is the current at which inductance drops by a specific percentage (usually 20-30%).
* **Heating Current ($I_{rms}$):** The continuous current that causes a 40°C temperature rise, typically around **30A to 45A**.
* **Operating Temperature:** Generally -40°C to +125°C.
---
### 3. Key Features
* **Magnetic Shielding:** The part is constructed with a metal alloy powder core, which provides excellent EMI (Electromagnetic Interference) shielding.
* **High Efficiency:** Due to the low DCR, it is designed for high-frequency switching environments where energy loss must be minimized.
* **Soft Saturation:** Unlike ferrite inductors that drop inductance sharply, these molded powder inductors have a "soft" saturation curve, making them more stable under heavy loads.
---
### 4. Common Applications
This specific inductor is found in high-performance electronics, including:
1. **Motherboards & Servers:** CPU/GPU core power supplies (Vcore).
2. **Point of Load (POL) Converters:** High-current step-down (Buck) converters.
3. **Graphic Cards:** Managing high-speed power delivery to the GPU.
4. **Telecom Equipment:** Distributed power systems.
---
- ⤷
What are the equivalent alternative parts for the CSAB128050-R56M?
- ⤷ How does 'soft saturation' benefit a power supply circuit?
- ⤷ What is the recommended solder land pattern for this 128050 package?