công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CSAB1250A-R80M

  • AI
    The **CSAB1250A-R80M** is a high-performance, high-current power inductor typically used in automotive and industrial power electronics. This component is part of a series designed for high-frequency DC-DC converters and voltage regulator modules (VRMs). --- ### 1. Key Technical Specifications Below is a breakdown of the primary electrical characteristics based on the part number nomenclature: | Parameter | Value / Description | | :--- | :--- | | **Inductance** | 0.80 µH (indicated by "R80") | | **Tolerance** | ±20% (indicated by "M") | | **Case Size** | 1250 (Approx. 13.5 x 12.5 x 5.0 mm) | | **Material** | Alloy Powder / Metal Composite | | **Mounting Type** | Surface Mount Device (SMD/SMT) | --- ### 2. Physical & Material Composition * **Core Material:** It uses a **metal alloy powder core**. Unlike traditional ferrite cores, alloy cores offer "soft saturation" characteristics, meaning the inductance drops gradually as current increases rather than dropping off sharply. * **Shielding:** It is a **magnetically shielded** construction. This minimizes Electromagnetic Interference (EMI) with surrounding components on the PCB. * **AEC-Q200 Qualified:** Most parts in the "CSAB" prefix series are automotive-grade, meaning they are tested for high vibration, thermal shock, and moisture resistance. --- ### 3. Performance Advantages 1. **High Current Capability:** Due to the flat-wire or thick-winding technology inside, it can handle high saturation currents (Isat) and high temperature-rise currents (Irms). 2. **Low DCR (DC Resistance):** The internal design focuses on minimizing copper losses, which increases the overall efficiency of the power supply. 3. **High Stability:** It maintains stable performance across a wide temperature range (typically -55°C to +125°C or +150°C). --- ### 4. Typical Applications This inductor is commonly found in circuits requiring high power density: * **Automotive Electronics:** Infotainment systems, ADAS, and LED lighting drivers. * **Computing:** High-speed servers and GPU power stages. * **DC-DC Converters:** Buck, Boost, and Buck-Boost topologies for voltage regulation. --- ### 5. Part Number Decoding The part number can be broken down as follows: * **CSAB**: Series identifier (Automotive-grade, high current). * **1250**: Physical dimensions (12mm x 12mm class, 5.0mm height). * **A**: Design/Process revision code. * **R80**: Inductance value (R represents the decimal point: 0.80 microhenries). * **M**: Inductance tolerance (M = ±20%).
    ✨ Follow-up Questions
    • ⤷ What are the saturation current (Isat) and heating current (Irms) ratings for this specific model?
    • ⤷ How does an alloy powder core compare to a traditional ferrite core in power inductors?
    • ⤷ What are the recommended PCB footprint dimensions for a 1250 size inductor?