công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CSAB0724-R22M

  • AI
    The **CSAB0724-R22M** is a high-current, low-profile **SMD Fixed Inductor** (specifically a Metal Composite Power Inductor). These components are widely used in DC-DC converters and voltage regulator modules (VRMs) due to their efficiency and compact size. Below is the detailed breakdown of its electronic characteristics and specifications. --- ## 1. Technical Specifications The part number follows a standard naming convention for inductors. Here are the core parameters: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Inductance** | 0.22 µH | Specified by the "R22" in the suffix. | | **Tolerance** | ±20% | Specified by the "M" in the suffix. | | **Case Size** | 0724 (Metric) | Approx. 7.0mm x 2.4mm (LxH). | | **Material** | Metal Alloy Powder | Provides high saturation current and low acoustic noise. | | **DCR (Max)** | ~2.5 mΩ - 4.5 mΩ | Extremely low Direct Current Resistance for high efficiency. | | **Saturation Current** | ~20A - 30A | The point where inductance drops by a specific percentage. | --- ## 2. Key Electronic Features ### A. Metal Composite Construction Unlike traditional ferrite inductors, the CSAB0724-R22M uses a metal powder core molded directly around the wire coil. * **Soft Saturation:** Inductance decreases gradually as current increases, rather than dropping off sharply. * **EMI Shielding:** The molded construction acts as a natural magnetic shield, reducing Electromagnetic Interference (EMI). ### B. High Current Handling With an inductance of only 0.22 µH, this part is designed for high-frequency switching. It can handle high peak currents (Isat) without the core saturating, making it ideal for modern CPU and GPU power phases. ### C. Low DCR (Direct Current Resistance) The "R22" (low inductance) usually implies fewer turns of thicker wire. This results in very low resistance, minimizing power loss through heat (I²R losses). --- ## 3. Applications The CSAB0724-R22M is typically found in the following electronic circuits: * **Voltage Regulator Modules (VRM):** Powering high-performance processors. * **DC/DC Converters:** Point-of-load (POL) power supplies. * **Laptop/Server Motherboards:** High-density power circuits where vertical space is limited. * **Battery Powered Devices:** Where high efficiency is critical for battery life. --- ## 4. Part Number Decoding The code can generally be broken down as follows: | Segment | Meaning | | :--- | :--- | | **CSAB** | Series Name (Manufacturer specific, often Alloy/Shielded type). | | **0724** | Dimensions (7.0mm width/length x 2.4mm height). | | **R22** | Inductance value (R denotes decimal: 0.22 microhenries). | | **M** | Tolerance code (M = ±20%). |
    ✨ Follow-up Questions
    • ⤷ What are the equivalent replacement parts for the CSAB0724-R22M from other manufacturers?
    • ⤷ How does the 'soft saturation' characteristic benefit a DC-DC converter circuit?
    • ⤷ What is the maximum operating temperature for metal composite inductors like this one?