CSAB0718-R10M
AI

The **CSAB0718-R10M** is a high-current, surface-mount (SMD) power inductor commonly used in DC-DC converters and power management modules. This specific part belongs to a class of "molded" inductors designed for high efficiency and compact footprints.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.10 µH (indicated by "R10") |
| **Tolerance** | ±20% (indicated by "M") |
| **Case Size** | 0718 (approx. 7.3mm x 6.6mm x 1.8mm) |
| **Type** | Shielded Power Inductor |
| **Core Material** | Metal Alloy / Carbonyl Powder |
| **Mounting Type** | Surface Mount (SMD/SMT) |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps identify the physical and electrical characteristics:
* **CSAB**: Series designation (typically representing a molded metal powder structure).
* **0718**: Physical dimensions. "07" usually refers to a length/width profile of ~7mm, and "18" refers to a low-profile height of ~1.8mm.
* **R10**: Inductance value. The "R" acts as a decimal point. `R10 = 0.10 µH`.
* **M**: Tolerance code. `M` stands for ±20%.
---
### 3. Core Features and Benefits
* **High Saturation Current:** Because it uses a metal alloy core rather than traditional ferrite, it handles high peak currents without the inductance dropping off sharply (soft saturation).
* **Magnetic Shielding:** The molded construction naturally shields the component, reducing Electromagnetic Interference (EMI) with surrounding components on the PCB.
* **Low DCR (DC Resistance):** Designed with flat wire or heavy gauge copper to minimize energy loss as heat.
* **Compact Profile:** The "18" height (1.8mm) makes it ideal for ultra-thin electronics like laptops, tablets, and slim power modules.
---
### 4. Common Applications
This part is typically found in high-frequency switching environments:
1. **Voltage Regulator Modules (VRMs):** Used in CPU and GPU power delivery.
2. **Point of Load (POL) Converters:** Converting a main bus voltage (e.g., 12V) down to lower logic levels (1.0V, 1.2V).
3. **Battery Powered Devices:** Due to high efficiency and small size.
4. **DC-DC Converters:** In automotive or industrial telecommunications equipment.
---
- ⤷
What is the maximum current rating (Irms/Isat) for this specific inductor size?
- ⤷ How does a metal alloy core differ from a ferrite core in power inductors?
- ⤷ Can this inductor be used in high-temperature automotive environments?