công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CS18LV02565PCR

  • AI
    ## Technical Overview of CS18LV02565PCR The **CS18LV02565PCR** is a high-performance, low-power **Static Random Access Memory (SRAM)** chip. It is commonly used in battery-backed systems, portable electronics, and embedded applications where data retention with minimal energy consumption is critical. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Density** | 256K bits (32K x 8 bits) | | **Technology** | CMOS | | **Supply Voltage (Vcc)** | 2.7V to 5.5V | | **Access Time** | 70ns (standard) | | **Operating Current** | ~20mA (Active) / ~1μA (Standby/Deep Sleep) | | **Package Type** | 28-pin P-DIP (Plastic Dual In-line Package) | | **Operating Temperature** | Commercial (0°C to 70°C) | --- ### 2. Functional Components The internal architecture consists of several key electronic blocks: 1. **Memory Cell Array:** Organized as 32,768 words by 8 bits. Each cell uses a 6-transistor (6T) or 4-transistor (4T) CMOS structure to hold a bit of data without needing a refresh cycle (unlike DRAM). 2. **Address Decoders:** These circuits translate the 15 input address lines ($A_0$ to $A_{14}$) to select one of the 32,768 specific 8-bit locations. 3. **Control Logic:** Manages the operational modes based on the following pins: * **$\overline{CE}$ (Chip Enable):** When High, the device enters low-power standby mode. * **$\overline{OE}$ (Output Enable):** Controls the output drivers during a read cycle. * **$\overline{WE}$ (Write Enable):** Dictates whether data is being written to or read from the memory. 4. **I/O Buffers:** Bi-directional pins ($I/O_0$ to $I/O_7$) that handle data transfer between the memory and the external data bus. --- ### 3. Pin Configuration (28-Pin DIP) | Pin Names | Function | | :--- | :--- | | **$A_0 - A_{14}$** | Address Inputs | | **$I/O_0 - I/O_7$** | Data Inputs/Outputs | | **$\overline{CE}$** | Chip Enable | | **$\overline{WE}$** | Write Enable | | **$\overline{OE}$** | Output Enable | | **$V_{CC}$** | Power Supply | | **$V_{SS}$** | Ground | --- ### 4. Distinctive Features * **Low Power Consumption:** The "LV" (Low Voltage) designation signifies its ability to operate at lower power levels, making it ideal for battery-operated devices. * **TTL Compatibility:** The inputs and outputs are compatible with standard Transistor-Transistor Logic levels, allowing for easy interfacing with microcontrollers (e.g., 8051, AVR, or PIC). * **Fully Static Operation:** No external clock or timing strobes are required to maintain data, simplifying the circuit design compared to Dynamic RAM (DRAM). --- ### 5. Common Applications * **Cache Memory:** Small, fast temporary storage for microprocessors. * **Buffer Memory:** Used in networking equipment and printers to manage data flow. * **Battery-Backed Non-volatile Storage:** When paired with a small lithium battery, it can act as non-volatile storage for configuration settings or logs.
    ✨ Follow-up Questions
    • ⤷ What are the specific timing requirements for the Write cycle of this chip?
    • ⤷ Can the CS18LV02565PCR be used as a direct replacement for the HM62256?
    • ⤷ How does the 'Deep Sleep' mode impact data retention and current draw?