CS160808-R10K
AI

The **CS160808-R10K** is a surface-mount electronic component, specifically a **Multilayer Chip Inductor**. It is widely used in high-frequency circuits for noise suppression and signal conditioning.
---
## 1. Part Number Breakdown
To understand the specifications, we can decode the alphanumeric part number:
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **CS** | Series Type | Ceramic/Multilayer Chip Inductor |
| **160808** | Case Size | Dimensions in mm (1.6 x 0.8 x 0.8 mm) |
| **R10** | Inductance Value | R denotes decimal point: **0.10 µH (100 nH)** |
| **K** | Tolerance | **±10%** |
---
## 2. Technical Specifications
These are the typical electrical characteristics for this class of inductor:
* **Inductance:** 0.10 µH (100 nH)
* **Tolerance:** ±10%
* **Case Size (EIA):** 0603
* **Case Size (Metric):** 1608
* **Material:** Ceramic or Ferrite base (depending on the specific manufacturer, usually ceramic for high-frequency R10 values).
* **Operating Temperature:** Typically -55°C to +125°C.
---
## 3. Key Features & Construction
* **Multilayer Technology:** Instead of a wire wound around a core, these are built by layering conductive paste (usually silver) between ceramic sheets and sintering them into a monolithic block.
* **Magnetic Shielding:** The multilayer structure provides a closed magnetic circuit, which minimizes crosstalk and electromagnetic interference (EMI) with surrounding components.
* **Small Form Factor:** The 0603 (1608 metric) size is ideal for high-density PCB layouts in portable electronics.
---
## 4. Common Applications
Due to its low inductance and high-frequency performance, the CS160808-R10K is typically found in:
1. **RF Circuits:** Used in impedance matching and resonance circuits for Bluetooth, Wi-Fi, and cellular modules.
2. **EMI Suppression:** Filtering high-frequency noise in power lines or data lines.
3. **Signal Decoupling:** Preventing high-frequency signals from entering the DC power supply sections of a circuit.
---
## 5. Equivalent Footprint
If you are designing a PCB, the land pattern should match the **0603 (EIA)** standard:
```text
Dimension | Value (mm)
----------|-----------
Length (L)| 1.60 ± 0.15
Width (W) | 0.80 ± 0.15
Height (H)| 0.80 ± 0.15
```
- ⤷
What is the maximum rated current for this specific inductor?
- ⤷ How does a ceramic inductor differ from a ferrite inductor in high-frequency applications?
- ⤷ Can this part be used as a replacement for a 100nH wire-wound inductor?