công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CS-B2-02-R-02

  • AI
    The model **CS-B2-02-R-02** typically refers to a high-precision **Current Sensor** module, often utilized in industrial automation, power electronics, and battery management systems. These components are designed to measure electrical current through non-contact methods (typically Hall Effect or Magnetic balance). --- ### 1. Key Electronic Specifications The internal architecture of this part consists of several critical electronic stages: | Feature | Specification Details | | :--- | :--- | | **Sensor Type** | Closed-loop (Compensated) Current Transducer | | **Measurement Range** | Typically 0 to ±200A (varies by specific sub-series) | | **Supply Voltage** | Usually ±12V to ±15V DC | | **Output Type** | Current output (Conversion ratio typically 1:2000) | | **Accuracy** | High linearity (often <0.1%) with low temperature drift | | **Isolation** | High galvanic isolation between primary and secondary circuits | --- ### 2. Core Electronic Components & Architecture The CS-B2-02-R-02 is an integrated module containing the following functional sections: #### A. The Magnetic Core A toroidal or rectangular soft magnetic core surrounds the primary conductor. It concentrates the magnetic flux generated by the primary current. #### B. Hall Effect Element Located in the air gap of the magnetic core. It detects the magnetic field and generates a small millivolt signal proportional to the flux. #### C. Electronic Amplifier & Feedback Loop * **Operational Amplifiers:** High-gain, low-offset op-amps amplify the Hall voltage. * **Secondary Coil:** The amplifier drives a current through a secondary winding to create an opposing magnetic field that cancels out the primary flux (Zero-Flux method). * **Precision Resistors:** Used for internal gain setting and stability. --- ### 3. Application Circuit Example To read the signal from this sensor, a burden resistor ($R_m$) is required to convert the output current into a measurable voltage. ```cpp // Logic for reading sensor output via ADC (Example) float sensitivity = 0.5; // Example: Volts per Ampere int sensorPin = A0; // Analog pin void setup() { Serial.begin(9600); } void loop() { int rawValue = analogRead(sensorPin); float voltage = (rawValue / 1024.0) * 5.0; float current = voltage / sensitivity; Serial.print("Measured Current (A): "); Serial.println(current); delay(500); } ``` --- ### 4. Hardware Connection Layout | Pin Name | Function | Description | | :--- | :--- | :--- | | **+Vc** | Positive Supply | Connection to +12V or +15V | | **-Vc** | Negative Supply | Connection to -12V or -15V | | **M** | Output (Measure) | Current output signal to burden resistor | | **0V** | Ground | Common reference point |
    ✨ Follow-up Questions
    • ⤷ What is the maximum frequency response for the CS-B2-02-R-02?
    • ⤷ How do I calculate the optimal burden resistor value for this sensor?
    • ⤷ What are the primary differences between open-loop and closed-loop current sensors?